Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1384ASM Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP1384ASM
Description  Professional Jack Sockets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP1384ASM Datasheet(HTML) 1 Page - Multicomp Pro

  MP1384ASM Datasheet HTML 1Page - Multicomp Pro MP1384ASM Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
28/09/21
Professional Jack Sockets
3.5mm
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
General Specification
Withstand voltage
: 2000V DC minimum.
Maximum current
: 5 amps.
Life
: Minimum 10,000+ operations.
Temperature rating
: -10°C to +70°C
Nominal contact resistance : < 50mΩ.
Description
Designed to receive both mono and stereo ¼” jack plugs, these jack sockets are produced from
grade 1, black nylon. Contacts are tin or gold plated and are either solder tag or PC mounting.
MP13845GA - S6/BB PC Mono Switched 3.5mm jack socket.
PC tags with 5.5mm mounting height from the board. Gold Plated.
MP1384ASM - S6/BB PC Mono Switched 3.5mm jack socket.
PC tags with 6.0mm mounting height from the board.


Similar Part No. - MP1384ASM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
Strain Relief Bushings
logo
Multicomp Pro
MP1300G00000320 MULTICOMP-MP1300G00000320 Datasheet
365Kb / 1P
SIM Module
02/12/21 V1.0
logo
Sanken electric
MP130S SANKEN-MP130S Datasheet
112Kb / 6P
silicon power transistor
logo
Multicomp Pro
MP1330A MULTICOMP-MP1330A Datasheet
1Mb / 3P
Professional Jack Sockets 6.35mm
16/09/21 V1.0
MP139A MULTICOMP-MP139A Datasheet
266Kb / 2P
Hand Held Digital Multimeter
28/04/25 V1.0
More results

Similar Description - MP1384ASM

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDS0507-4 DUBILIER-DBCDS0507-4 Datasheet
288Kb / 1P
AUDIO PCB DIN JACK SOCKETS
DBCMD0508-4 DUBILIER-DBCMD0508-4 Datasheet
446Kb / 1P
AUDIO PCB MINI JACK DIN SOCKETS
DBCRJ20ES10011 DUBILIER-DBCRJ20ES10011 Datasheet
711Kb / 1P
NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F Datasheet
71Kb / 1P
NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCDS0507-4 DUBILIER-DBCDS0507-4_11 Datasheet
292Kb / 1P
AUDIO PCB DIN JACK SOCKETS
DBCMD0508-4 DUBILIER-DBCMD0508-4_11 Datasheet
779Kb / 3P
AUDIO PCB MINI JACK DIN SOCKETS
DBCRJS44D DUBILIER-DBCRJS44D_11 Datasheet
439Kb / 5P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F_11 Datasheet
705Kb / 2P
NETWORKING SOCKETS TOP ENTRY PCB JACK
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
Professional Tools for Professional Results
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com