Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-37TI-R Datasheet(PDF) 4 Page - Microchip Technology

Part # PL133-37TI-R
Description  Low-Power, 1.62V to 3.63V, 1MHz to 150MHz, 1:3 Fanout Buffer IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-37TI-R Datasheet(HTML) 4 Page - Microchip Technology

  PL133-37TI-R Datasheet HTML 1Page - Microchip Technology PL133-37TI-R Datasheet HTML 2Page - Microchip Technology PL133-37TI-R Datasheet HTML 3Page - Microchip Technology PL133-37TI-R Datasheet HTML 4Page - Microchip Technology PL133-37TI-R Datasheet HTML 5Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PL133-37
Low-Power, 1.62V to 3.63V, 1MHz to 150MHz, 1:3 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 02/24/15 Page 4
NOISE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
Additive Phase Jitter
VDD=3.3V, Frequency=26MHz
Offset=12kHz ~ 5MHz
70
fs
VDD=3.3V, Frequency=100MHz
Offset=12kHz ~ 20MHz
80
fs
PL133-37 Additive Phase Jitter:
VDD=3.3V, CLK=26MHz, Integration Range 12KHz to 5MHz: 0.072ps typical.
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
10
100
1000
10000
100000
1000000
10000000
Offset Frequency (Hz)
REF Input
PL133-37 Output
When a buffer is used to pass a signal then the buffer will add a little bit of its own noise. The phase noise on the
output of the buffer will be a little bit more than the phase noise in the input signal. To quantify the noise addition
in the buffer we compare the Phase Jitter numbers from the input and the output. The difference is called "Addi-
tive Phase Jitter". The formula for the Additive Phase Jitter is as follows:
Additive Phase Jitter = (Output Phase Jitter) - (Input Phase Jitter)
2
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com