Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLD Datasheet(PDF) 3 Page - Amphenol PCD, Inc

Part # GLD
Description  Magnetic, low-profile, self-aligning connector designed for soldier worn applications.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

GLD Datasheet(HTML) 3 Page - Amphenol PCD, Inc

  GLD Datasheet HTML 1Page - Amphenol PCD, Inc GLD Datasheet HTML 2Page - Amphenol PCD, Inc GLD Datasheet HTML 3Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
How to Order
*Contact cable_sales@amphenolpcd.com for custom solutions
SERIES
GLD: Standard Gladiator Connector Kit
MCG: Cable Assembly/Pig tail
CONNECTOR TYPE
P: Inline Plug
R: Inline Receptacle
D: Double-ended Plug & Receptacle
NO. OF POSITIONS
06: 6 positions
12 : 12 positions (Mate style S only)
MATE STYLE
M: Reversible 180° mate option
S: Single Mate Direction Keyed Forward
W: Single Mate Direction Keyed Reverse
MATE OPTION
1: Magnet
2: Steel plate (Receptacle only)
SIGNAL TYPE
D: USB 3 Compatible
M: USB 2.0 Compatible
TERMINATION FINISH
1: RoHS
2: Leaded solder
SHELL FINISH
B: Black Nickel
R: Ruthenium
CUSTOM COLORIZATION/TEXTURE
00: Standard
CABLE LENGTH
018: 18 inches (1.5 feet)
024: 24 inches (2 feet)
036: 36 inches (3 feet)
Leave blank if connector only
GLD X XX X X X X X XX - XXX
GLADIATOR
Contact
cable_sales@amphenolpcd.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com