Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3700S Datasheet(PDF) 3 Page - ON Semiconductor

Part # HCPL3700S
Description  AC/DC to Logic Interface Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL3700S Datasheet(HTML) 3 Page - ON Semiconductor

  HCPL3700S Datasheet HTML 1Page - ON Semiconductor HCPL3700S Datasheet HTML 2Page - ON Semiconductor HCPL3700S Datasheet HTML 3Page - ON Semiconductor HCPL3700S Datasheet HTML 4Page - ON Semiconductor HCPL3700S Datasheet HTML 5Page - ON Semiconductor HCPL3700S Datasheet HTML 6Page - ON Semiconductor HCPL3700S Datasheet HTML 7Page - ON Semiconductor HCPL3700S Datasheet HTML 8Page - ON Semiconductor HCPL3700S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL3700 Rev. 1.0.3
2
Absolute Maximum Ratings (No derating required up to 70°C)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Notes:
1. Derate linearly above 70°C free-air temperature at a rate of 1.8 mW/°C.
2. Derate linearly above 70°C free-air temperature at a rate of 2.5 mW/°C.
3. Derate linearly above 70°C free-air temperature at a rate of 0.6 mA/°C.
4. Derate linearly above 70°C free-air temperature at a rate of 1.9 mW/°C.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-55 to +125
°C
TOPR
Operating Temperature
-40 to +85
°C
TSOL
Lead Solder Temperature
260 for 10 sec
°C
EMITTER
IIN
Input Current
Average
50 (Max.)
mA
Surge, 3ms, 120Hz Pulse Rate
140 (Max.)
Transient, 10µs, 120Hz Pulse Rate
500 (Max.)
VIN
Input Voltage (Pins 2-3)
-0.5 (Max.)
V
PIN
Input Power Dissipation(1)
230 (Max.)
mW
PT
Total Package Power Dissipation(2)
305 (Max.)
mW
DETECTOR
IO
Output Current (Average)(3)
30 (Max.)
mA
VCC
Supply Voltage (Pins 8-5)
-0.5 to 20
V
VO
Output Voltage (Pins 6-5)
-0.5 to 20
V
PO
Output Power Dissipation(4)
210 (Max.)
mW
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
2
18
V
TA
Operating Temperature
0
70
°C
f
Operating Frequency
0
4
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com