Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC205VM Datasheet(PDF) 2 Page - ON Semiconductor

Part # MOC205VM
Description  8-pin SOIC Single-Channel Phototransistor Output Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC205VM Datasheet(HTML) 2 Page - ON Semiconductor

  MOC205VM Datasheet HTML 1Page - ON Semiconductor MOC205VM Datasheet HTML 2Page - ON Semiconductor MOC205VM Datasheet HTML 3Page - ON Semiconductor MOC205VM Datasheet HTML 4Page - ON Semiconductor MOC205VM Datasheet HTML 5Page - ON Semiconductor MOC205VM Datasheet HTML 6Page - ON Semiconductor MOC205VM Datasheet HTML 7Page - ON Semiconductor MOC205VM Datasheet HTML 8Page - ON Semiconductor MOC205VM Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC20xM, MOC21xM Rev. 1.5
August 2015
MOC205M, MOC206M, MOC207M,
MOC211M, MOC212M, MOC213M, MOC216M, MOC217M
8-pin SOIC Single-Channel Phototransistor Output
Optocoupler
Features
•
Closely Matched Current Transfer Ratios
•Minimum BVCEO of 70 V Guaranteed
– MOC205M, MOC206M, MOC207M
•Minimum BVCEO of 30 V Guaranteed
– MOC211M, MOC212M, MOC213M, MOC216M,
MOC217M
•
Low LED Input Current Required for Easier Logic
Interfacing
– MOC216M, MOC217M
•
Convenient Plastic SOIC-8 Surface Mountable
Package Style, with 0.050" Lead Spacing
•
Safety and Regulatory Approvals:
– UL1577, 2,500 VACRMS for 1 Minute
– DIN-EN/IEC60747-5-5, 565 V Peak Working
Insulation Voltage
Applications
•
Feedback Control Circuits
•
Interfacing and Coupling Systems of Different
Potentials and Impedances
•
General Purpose Switching Circuits
•
Monitor and Detection Circuits
Description
These devices consist of a gallium arsenide infrared
emitting diode optically coupled to a monolithic silicon
phototransistor detector, in a surface mountable, small
outline, plastic package. They are ideally suited for
high-density applications, and eliminate the need for
through-the-board mounting.
Schematic
Package Outline
BASE
N/C
ANODE
CATHODE
1
2
3
4
5
6
7
8
EMITTER
COLLECTOR
N/C
N/C
Figure 1. Schematic
Figure 2. Package Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com