Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPD-RQ09DV-1 Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BPD-RQ09DV-1
Description  SIDE- LOOK PACKAGE PIN PHOTO DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BPD-RQ09DV-1 Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BPD-RQ09DV-1 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BPD-RQ09DV-1 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BPD-RQ09DV-1 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BP
PD
D--R
RQ
Q0
09
9D
DV
V--1
1
F
Fo
orr A
AB
B
SINCE 1981
Photo Diode Specification
Commodity: Photo diode
Light Current Bin Limits (Vr=5V)
BIN CODE
Min.( µA)
Max.( µA)
A
50
100
B
100
200
C
200
300
Ver.1.0 Page:4of 4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com