Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03464 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03464
Description  Soldering Stations
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03464 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03464 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
09/07/21
Soldering Stations
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Diagram
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Soldering Stand and Dispenser
D03462
Soldering Mat, 297mm × 210mm × 5mm Silicone
D03463
Soldering Station, 30W, 240V, UK
D03464
Spare Iron For D03464
ZD-415G
Spare Tip, Pointed
N9-16
Spare Tip, Chisel, 2mm
N9-26
Spare Tip, Chisel, 3mm
N9-36
Spare Tip, Chisel, 4mm
N9-46
Spare Tip, Knife
N9-56
Spare Tip, Screwdriver
N9-66
Features
•  Soldering iron stand and holder.
•  With solder feeder and sponge.
•  Safety outer metal holder.
•  Holds up to 2 lb roll of soldering wire.
•  A special sponge for tip cleaning.
Specification
Heater : PTC, 160°C to 480°C(320 to 896°F)
Voltage : AC 220 to 240V 50Hz
Power : 30W(Max 130W)
Digital temperature control by knob with LED display(°C/°F)
Easier way to achieve °C/°F conversion by an individual switch below
the knob
Heats up to 400 °C quickly in only 50s.
User-friendly with integrated parts: soldering iron stand+copper cleaning
ball+cleaning sponge+roll stand for solder wire.


Similar Part No. - D03464

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03460 DURATOOL-D03460 Datasheet
125Kb / 1P
Quick Heat-up Soldering Gun Set
09/07/21 V1.0
D03461 DURATOOL-D03461 Datasheet
111Kb / 1P
Soldering Flux Pen
09/07/21 V1.0
More results

Similar Description - D03464

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
Soldering methods : IR reflow soldering
logo
Vectron International, ...
C2400 VECTRON-C2400_06 Datasheet
105Kb / 5P
PCS Base Stations
C2420 VECTRON-C2420_06 Datasheet
108Kb / 6P
PCS Base Stations
C2530 VECTRON-C2530_06 Datasheet
115Kb / 5P
PCS Base Stations
VX-501-DUAL VECTRON-VX-501-DUAL Datasheet
148Kb / 6P
Base Stations
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
Desoldering & Rework Stations
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
Vectron International, ...
MX-042 VECTRON-MX-042 Datasheet
241Kb / 5P
LTE Base Stations
logo
LUXPIA
LWM1052N2 LUXPIA-LWM1052N2 Datasheet
596Kb / 17P
Soldering methods
logo
PHOENIX CONTACT
CRIMPFOX-MT-2 PHOENIX-CRIMPFOX-MT-2 Datasheet
49Kb / 2P
Four different die stations
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com