Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR02 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # PR02
Description  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button PR02 Datasheet HTML 8Page - Vishay Siliconix PR02 Datasheet HTML 9Page - Vishay Siliconix PR02 Datasheet HTML 10Page - Vishay Siliconix PR02 Datasheet HTML 11Page - Vishay Siliconix PR02 Datasheet HTML 12Page - Vishay Siliconix PR02 Datasheet HTML 13Page - Vishay Siliconix PR02 Datasheet HTML 14Page - Vishay Siliconix PR02 Datasheet HTML 15Page - Vishay Siliconix PR02 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 07-Nov-17
12
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PR01 Time to interruption as a function of overload power
for range: 0.22
  R
n  1 
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
PR01 Time to interruption as a function of overload power
for range: 1
  R
n  15 
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
PR02 Time to interruption as a function of overload power
for range: 5
  R
n  68 
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
PR01 Time to interruption as a function of overload power
for range: 16
  R
n  560 
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
PR02 Time to interruption as a function of overload power
for range: 0.33
  R
n  5 
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
PR02 Time to interruption as a function of overload power
for range: 68
  R
n  560 
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
10 2
10
1
10-1
50
10
40
20
30
P
overload (W)
t
(s)
0
10 2
10
1
10- 1
50
10
40
20
30
P
overload (W)
t
(s)
0
10 2
10
1
10-1
100
120
20
80
40
60
P
overload (W)
t
(s)
0
10 2
10
1
10-1
50
10
40
20
30
P
overload (W)
t
(s)
0
10 2
10
1
10-1
100
120
20
80
40
60
P
overload (W)
t
(s)
0
10 2
10
1
10-1
100
120
20
80
40
60
P
overload (W)
t
(s)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com