Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P600 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P600
Description  General Purpose Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P600 Datasheet(HTML) 1 Page - Vishay Siliconix

  P600 Datasheet HTML 1Page - Vishay Siliconix P600 Datasheet HTML 2Page - Vishay Siliconix P600 Datasheet HTML 3Page - Vishay Siliconix P600 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P600A, P600B, P600D, P600G, P600J, P600K, P600M
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
1
Document Number: 88692
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
General Purpose Plastic Rectifier
FEATURES
• Low forward voltage drop
• Low leakage current
• High forward current capability
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters and freewheeling diodes application.
MECHANICAL DATA
Case: P600, void-free molded epoxy body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
6.0 A
VRRM
50 V, 100 V, 200 V, 400 V, 600 V,
800 V, 1000 V
IFSM
400 A
VF
0.9 V, 1.0 V
IR
5.0 μA
TJ max.
150 °C
Package
P600
Diode variations
Single die
P600
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
P600A
P600B
P600D
P600G
P600J
P600K
P600M
UNIT
Max. repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Max. RMS voltage
VRMS
35
70
140
280
420
560
700
V
Max. DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Max. average
forward rectified
current at
TA = 60 °C, 0.375" (9.5 mm)
lead length (fig. 1)
IF(AV)
6.0
A
TL = 60 °C, 0.125" (3.18 mm)
lead length (fig. 2)
22
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
400
A
Operating junction and storage temperature range
TJ, TSTG
- 50 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
P600A
P600B
P600D
P600G
P600J
P600K P600M
UNIT
Max. instantaneous forward
voltage
6.0 A
VF
0.90
1.0
V
100 A
1.30
1.4
Max. DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
TA =100 °C
1.0
mA
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
2.5
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
150
pF


Similar Part No. - P600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P600 ETC2-P600 Datasheet
236Kb / 5P
6A Power Diodes
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Shenzhen Luguang Electr...
P600 LUGUANG-P600 Datasheet
114Kb / 2P
Glass Passivated Junction TVS
P600 LUGUANG-P600 Datasheet
114Kb / 2P
Glass Passivated Junction TVS
logo
Vishay Siliconix
P600 VISHAY-P600 Datasheet
240Kb / 9P
Packaging Information
01-Feb-13
More results

Similar Description - P600

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
General Purpose Plastic Rectifier
23-Feb-11
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
P600A VISHAY-P600A_15 Datasheet
80Kb / 5P
General Purpose Plastic Rectifier
13-Aug-13
logo
Shanghai Leiditech Elec...
1N5406G LEIDITECH-1N5406G Datasheet
385Kb / 2P
General Purpose Plastic Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com