Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2ACF Datasheet(PDF) 1 Page - IDEAL-TEK SA

Part # A2ACF
Description  Plastic Tweezer Tips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

A2ACF Datasheet(HTML) 1 Page - IDEAL-TEK SA

  A2ACF Datasheet HTML 1Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Datasheet
ideal-tek.com
REV.00
Product code:
A2ACF
Product type:
Plastic Tweezer Tips
Made in:
Switzerland
Description:
Kit of 2 Carbon Fiber tips and 3 screws for type 2ACF tweezers is suitable to applications
which require holding a small component firmly. The Carbon Fiber reinforced ESD Plastic
provides the tweezers with ESD and non-scratching properties.
Tip description:
straight, very fine, round, flat
Tip material:
Plastic reinforced with Carbon Fiber (CF)
Picture:
Tweezer dimensions:
OAL
40.0 mm – 1.575 inch
Width
8.0 mm – 0.315 inch
Height
3.5 mm – 0.138 inch
a
Tip dimensions:
Tip width
2.00 mm – 0.079 inch
Tip thickness 0.50 mm – 0.020 inch
Tip details:


Similar Part No. - A2ACF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2A125TW ETC2-A2A125TW Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
A2A125TW-1 ETC2-A2A125TW-1 Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
A2A125TW-2 ETC2-A2A125TW-2 Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
A2A150TW ETC2-A2A150TW Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
A2A150TW-1 ETC2-A2A150TW-1 Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
More results

Similar Description - A2ACF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
18811 ETC2-18811 Datasheet
29Kb / 1P
Accu-Tek Pattern 72 Tweezer
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
01-Aug-2008
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
Troubleshooting and Design Tips
logo
List of Unclassifed Man...
D-1409 ETC2-D-1409 Datasheet
2Mb / 54P
standard straight tips
logo
IDEAL-TEK SA
K5HP.SA.DC IDEAL-TEK-K5HP.SA.DC Datasheet
563Kb / 2P
Diamond Coated Tweezer Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com