Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330BXTR Datasheet(PDF) 97 Page - STMicroelectronics

Part # ISM330BXTR
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BXTR Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ISM330BXTR Datasheet HTML 93Page - STMicroelectronics ISM330BXTR Datasheet HTML 94Page - STMicroelectronics ISM330BXTR Datasheet HTML 95Page - STMicroelectronics ISM330BXTR Datasheet HTML 96Page - STMicroelectronics ISM330BXTR Datasheet HTML 97Page - STMicroelectronics ISM330BXTR Datasheet HTML 98Page - STMicroelectronics ISM330BXTR Datasheet HTML 99Page - STMicroelectronics ISM330BXTR Datasheet HTML 100Page - STMicroelectronics ISM330BXTR Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 150 page
background image
10
Embedded functions register mapping
The table given below provides a list of the registers for the embedded functions available in the device and the
corresponding addresses. Embedded functions registers are accessible when EMB_FUNC_REG_ACCESS is set
to 1 in FUNC_CFG_ACCESS (01h).
Table 186. Register address map - embedded functions
Name
Type
Register address
Default
Comment
Hex
Binary
PAGE_SEL
R/W
02
00000010
00000001
EMB_FUNC_EN_A
R/W
04
00000100
00000000
EMB_FUNC_EN_B
R/W
05
00000101
00000000
EMB_FUNC_EXEC_STATUS
R
07
00000111
output
PAGE_ADDRESS
R/W
08
00001000
00000000
PAGE_VALUE
R/W
09
00001001
00000000
EMB_FUNC_INT1
R/W
0A
00001010
00000000
FSM_INT1
R/W
0B
00001011
00000000
RESERVED
-
0C
00001100
MLC_INT1
R/W
0D
00001101
00000000
EMB_FUNC_INT2
R/W
0E
00001110
00000000
FSM_INT2
R/W
0F
00001111
00000000
RESERVED
-
10
00010000
MLC_INT2
R/W
11
00010001
00000000
EMB_FUNC_STATUS
R
12
00010010
output
FSM_STATUS
R
13
00010011
output
RESERVED
-
14
00010100
MLC_STATUS
R
15
00010101
output
PAGE_RW
R/W
17
00010111
00000000
RESERVED
-
18-43
EMB_FUNC_FIFO_EN_A
R/W
44
01000100
00000000
EMB_FUNC_FIFO_EN_B
R/W
45
01000101
FSM_ENABLE
R/W
46
01000110
00000000
RESERVED
-
47
01000111
FSM_LONG_COUNTER_L
R/W
48
01001000
00000000
FSM_LONG_COUNTER_H
R/W
49
01001001
00000000
RESERVED
-
4A
INT_ACK_MASK
R/W
4B
01001011
00000000
FSM_OUTS1
R
4C
01001100
output
FSM_OUTS2
R
4D
01001101
output
FSM_OUTS3
R
4E
01001110
output
FSM_OUTS4
R
4F
01001111
output
FSM_OUTS5
R
50
01010000
output
FSM_OUTS6
R
51
01010001
output
ISM330BX
Embedded functions register mapping
DS14588 - Rev 2
page 97/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com