Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUM Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PUM
Description  Fir Tree Push Mounts and Assemblies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PUM Datasheet(HTML) 1 Page - PANDUIT CORP.

  PUM Datasheet HTML 1Page - PANDUIT CORP. PUM Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features
Benefits
Unique alternating barb design
Provides increased retention and lower insertion force, reducing operator fatigue
and improving productivity
Umbrella fir tree design
Locks securely into position and can be rotated 360 degrees, giving you a wider
application range than fixed barb designs; also seals against dust and moisture
Exclusive contoured anvil head
Firmly retains a minimum wire gauge of 12 AWG (2mm Ø) within ± 10mm (.394")
of the initial installation point, providing a low profile design
Assemblies with PLT cable ties
Provide routing and anchoring for wire harnesses, significantly reducing harness
assembly time
Robust Material
Heavy Duty Fir Tree Mounts (PUME925) utilize impact modified heat stabilized
weather resistant Nylon 6.6 material
Product Bulletin
Fir Tree Push Mounts and Assemblies
PANDUIT push mounts with umbrellas and push mount
assemblies are a reliable and cost effective solution for
securing wire harnesses in the automotive, marine, white
goods, heavy equipment and mass transit-rail markets.
Designed for 0.18 inches to 0.40 inches through holes
and variable panel thicknesses, the push mounts insert
easily and exceed manufacturers’ requirements for primary
anchors of wire harnesses. The PANDUIT push mounts with
umbrellas are compatible with all standard Pan-Ty ® Cable
Ties up to the standard 50 pound loop tensile ties. The
PUM-925-M30 mount has expanded slot capability which
allows the use of the 120 pound loop tensile Light-Heavy
cable ties. Heavy Duty Fir Tree Mounts (PUME925) allow
the use of Wide Strap Cable Ties.
PUME Heavy Duty Fir Tree Mount
with PLWS Wide Strap Cable Tie
PUM Fir Tree Mount
with PLT2S Standard Cable Tie


Similar Part No. - PUM

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PUM ILLINOISCAPACITOR-PUM Datasheet
196Kb / 2P
Small size ??Low heights ??Lead Free Leads
logo
PANDUIT CORP.
PUM-049-2S-D30 PANDUIT-PUM-049-2S-D30 Datasheet
115Kb / 3P
Push Mounts and Assemblies
PUM-049-2S-D30 PANDUIT-PUM-049-2S-D30 Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
PUM-049-M30 PANDUIT-PUM-049-M30 Datasheet
115Kb / 3P
Push Mounts and Assemblies
PUM-049-M30 PANDUIT-PUM-049-M30 Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
More results

Similar Description - PUM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4D10 ETC2-4D10 Datasheet
137Kb / 1P
Cable and Wire Mounts
logo
PANDUIT CORP.
VWS106-C PANDUIT-VWS106-C Datasheet
38Kb / 2P
Optical Fiber Network Saddle, Push Mounts
VWS4238-C PANDUIT-VWS4238-C Datasheet
34Kb / 2P
Wire Saddles, Push Mounts
VWS4274-C PANDUIT-VWS4274-C Datasheet
34Kb / 2P
Wire Saddles, Push Mounts
logo
List of Unclassifed Man...
561-PM18765 ETC2-561-PM18765 Datasheet
141Kb / 2P
Fin Clip Push Mounts
logo
PANDUIT CORP.
PUM-049-M30 PANDUIT-PUM-049-M30 Datasheet
115Kb / 3P
Push Mounts and Assemblies
logo
Laird Tech Smart Techno...
S2401290P LSTD-S2401290P Datasheet
818Kb / 1P
Tilt and articulating mounts available
logo
Pulse A Technitrol Comp...
NMOKHFCX PULSE-NMOKHFCX Datasheet
1Mb / 4P
CABLE ASSEMBLIES/MOUNTS
logo
OEN India Limited
04-PMW9 OENINDIA-04-PMW9 Datasheet
48Kb / 1P
Natural Nylon Wing Push Mounts
logo
List of Unclassifed Man...
8210 ETC-8210 Datasheet
363Kb / 1P
Climber Pads for Pole and Tree Climbers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com