Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G030J6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32G030J6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030J6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32G030J6 Datasheet HTML 37Page - STMicroelectronics STM32G030J6 Datasheet HTML 38Page - STMicroelectronics STM32G030J6 Datasheet HTML 39Page - STMicroelectronics STM32G030J6 Datasheet HTML 40Page - STMicroelectronics STM32G030J6 Datasheet HTML 41Page - STMicroelectronics STM32G030J6 Datasheet HTML 42Page - STMicroelectronics STM32G030J6 Datasheet HTML 43Page - STMicroelectronics STM32G030J6 Datasheet HTML 44Page - STMicroelectronics STM32G030J6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
DS12991 Rev 1
41/94
STM32G030x6/x8
Electrical characteristics
80
5.3
Operating conditions
5.3.1
General operating conditions
5.3.2
Operating conditions at power-up / power-down
The parameters given in Table 22 are derived from tests performed under the ambient
temperature condition summarized in Table 21.
5.3.3
Embedded reset and power control block characteristics
The parameters given in Table 23 are derived from tests performed under the ambient
temperature conditions summarized in Table 21.
Table 21. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
64
MHz
fPCLK
Internal APB clock frequency
-
0
64
VDD/DDA Supply voltage
-
2.0(1)
3.6
V
VBAT
Backup operating voltage
-
1.55
3.6
V
VIN
I/O input voltage
-
-0.3
Min(VDD + 3.6, 5.5)(2)
V
TA
Ambient temperature(3)
Suffix 6(4)
-40
85
°C
TJ
Junction temperature
Suffix 6(4)
-40
105
°C
1. When RESET is released functionality is guaranteed down to VPDR min.
2. For operation with voltage higher than VDD +0.3 V, the internal pull-up and pull-down resistors must be disabled.
3. The TA(max) applies to PD(max). At PD < PD(max) the ambient temperature is allowed to go higher than TA(max) provided
that the junction temperature TJ does not exceed TJ(max). Refer to Section 6.5: Thermal characteristics.
4. Temperature range digit in the order code. See Section 7: Ordering information.
Table 22. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD slew rate
VDD rising
-
∞
µs/V
VDD falling
10
∞
Table 23. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
tRSTTEMPO(2)
POR temporization when VDD crosses
VPOR
VDD rising
-
250
400
μs
VPOR(2)
Power-on reset threshold
-
2.06
2.10
2.14
V
VPDR(2)
Power-down reset threshold
-
1.96
2.00
2.04
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com