Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL05-20EB1A-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JL05-20EB1A-R
Description  Straight end bell (Non-waterproof type), Applicable shell size : 20
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL05-20EB1A-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JL05-20EB1A-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL05-20EB1A-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JL05-20EB1A-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JL05-20EB1A-R
Features
Straight end bell (Non-waterproof type), Applicable shell size : 20
Part Number
JL05-20EB1A-R
Status
Active
Number of Positions
-
Rated Current (per contact),
when embedded in the
insulator
-
Waterproof/ Non-waterproof
Non-waterproof
Connector Type
Accessory
Shell Size
20
Contact Arrangement Code
-
Contact Type
-
insert rotation position
(degrees)
-
Contact Size
-
Contact Size X No. of Contacts
-
Wire Termination Method
-
Applicable Wire Size
(AWG/Cross-sectional Area of
-
Product Details


Similar Part No. - JL05-20EB1A-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JL05-20EB3B-11-R JAE-JL05-20EB3B-11-R Datasheet
156Kb / 1P
WATERPROOF ENDBELL FOR CABTYRE CABLE
JL05-20EB3B-13-R JAE-JL05-20EB3B-13-R Datasheet
156Kb / 1P
WATERPROOF ENDBELL FOR CABTYRE CABLE
JL05-20EB3B-17-R JAE-JL05-20EB3B-17-R Datasheet
156Kb / 1P
WATERPROOF ENDBELL FOR CABTYRE CABLE
JL05-20EB3B-20-R JAE-JL05-20EB3B-20-R Datasheet
156Kb / 1P
WATERPROOF ENDBELL FOR CABTYRE CABLE
More results

Similar Description - JL05-20EB1A-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
JR16PA-10S HIROSE-JR16PA-10S_1 Datasheet
569Kb / 11P
SHELL SIZE 13-25 ALUMINUM CONNECTORS
logo
Projects Unlimited, Inc...
AWB-20R6-12 PUI-AWB-20R6-12 Datasheet
55Kb / 1P
BELL
AWB-20R6-24 PUI-AWB-20R6-24 Datasheet
56Kb / 1P
BELL
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
BELL
logo
Molex Electronics Ltd.
0845370003 MOLEX1-0845370003 Datasheet
39Kb / 1P
XRC Straight Backshell, Long, for Shell Size 24 Receptacles
logo
Ledil, Inc.
CS15066 LEDIL-CS15066 Datasheet
4Mb / 6P
IESNA Type II (medium) beam applicable
logo
HARTING Technology Grou...
09-33-024-0401 HARTING-09-33-024-0401 Datasheet
475Kb / 2P
Han Snap Shell Housing Size 24B
logo
Amphenol Corporation
RDP-5SPFFV-TCU7001 AMPHENOL-RDP-5SPFFV-TCU7001 Datasheet
104Kb / 1P
RJ45, D SIZE, WATERPROOF
2019-03-15
logo
Japan Aviation Electron...
CA2182-15-R JAE-CA2182-15-R Datasheet
44Kb / 4P
Circular connector compatible to MS standard, Dummy receptacle, Applicable shell size: 48,
logo
MOSDESIGN SEMICONDUCTOR...
PSG59 MOSDESIGN-PSG59 Datasheet
110Kb / 1P
DOOR BELL DUAL TONE
2001-09-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com