Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA333
Description  INA333-Q1 Automotive, Zerø-Drift, micro-Power Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments INA333 Datasheet HTML 20Page - Texas Instruments INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
9 Device and Documentation Support
9.1 Device Support
9.1.1 Development Support
9.1.1.1 TINA-TI Simulation Software (Free Download)
TINA™ is a simple, powerful, and easy-to-use circuit simulation program based on a SPICE engine. TINA-TI™
is a free, fully functional version of the TINA software, preloaded with a library of macromodels in addition to
a range of both passive and active models. TINA-TI provides all the conventional dc, transient, and frequency
domain analysis of SPICE as well as additional design capabilities.
Available as a free download from the Design tools and simulation web page, TINA-TI simulation software offers
extensive post-processing capability that allows users to format results in a variety of ways. Virtual instruments
offer the ability to select input waveforms and probe circuit nodes, voltages, and waveforms, creating a dynamic
quick-start tool.
Virtual instruments offer users the ability to select input waveforms and probe circuit nodes, voltages, and
waveforms, creating a dynamic quick-start tool.
Figure 9-1 shows example TINA-TI circuits for the device that can be used to develop, modify, and assess the
circuit design for specific applications. Links to download these simulation files are given below.
Note
These files require that either the TINA software (from DesignSoft) or TINA-TI software be installed.
Download the free TINA-TI software from the TINA-TI folder.
RWb
3Ÿ
Rwa
3Ÿ
Pt100 RTD
+
RTD Resistance
(Volts = Ohms)
VRTD
EMU21 RTD3
VT+
VT-
RTD+
RTD-
Mon-
Mon-
±
VT 25
RWd
3Ÿ
RWc
4Ÿ
Temp (°C)
(Volts = °C)
±
+
+
3 V
U2
OPA333-Q1
RGAIN
100 NŸ
RZERO
100 Ÿ
VOFF
U1 INA333-Q1
VREF
3 V
Use BF861A
Use BF861A
VREF
3 V
±
+
±
+
3 V
VREF
U3
OPA333-Q1
T1 BF256A
T3 BF256A
+
+
V
+
+
IREF1
IREF2
A
A
±
+
3 V
R1
2 NŸ
RG
RG
V-
V+
Ref
Out
2
1
8
3
7
5
6
RSET2
2.5 NŸ
RSET1
2.5 NŸ
In
EN
OUTF
OUTS
GNDS
GNDF
3 V
+
V4 3
VREF
3 V
C7
470 nF
U1 REF3212
PGA112
MSP430
OPA333-Q1
NOTE: RWa, RWb, RWc, and RWd simulate wire resistance. These resistors are included to show the four-wire sense technique
immunity to line mismatches. This method assumes the use of a four-wire RTD.
Figure 9-1. Four-Wire, 3-V Conditioner for a PT100 RTD With Programmable Gain Acquisition System
Download the TINA-TI simulation file for this circuit with the following link: PT100 RTD.
www.ti.com
INA333-Q1
SBOS464B – SEPTEMBER 2019 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA333-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com