Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7520CDWR Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO7520CDWR
Description  ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7520CDWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7520CDWR Datasheet HTML 9Page - Texas Instruments ISO7520CDWR Datasheet HTML 10Page - Texas Instruments ISO7520CDWR Datasheet HTML 11Page - Texas Instruments ISO7520CDWR Datasheet HTML 12Page - Texas Instruments ISO7520CDWR Datasheet HTML 13Page - Texas Instruments ISO7520CDWR Datasheet HTML 14Page - Texas Instruments ISO7520CDWR Datasheet HTML 15Page - Texas Instruments ISO7520CDWR Datasheet HTML 16Page - Texas Instruments ISO7520CDWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Case Temperature - °C
0
100
200
300
400
500
0
50
100
150
200
250
V
and V
at 3.45 V
CC1
CC2
V
and V
at 5.25 V
CC1
CC2
ISO7520C, ISO7521C
www.ti.com
SLLSE39E – JUNE 2010 – REVISED MAY 2015
empty para for space above the NOTE
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit-board (PCB) do not reduce this distance.
Creepage and clearance on a PCB become equal according to the measurement
techniques shown in the Isolation Glossary. Techniques such as inserting grooves and/or
ribs on a printed circuit board are used to help increase these specifications.
8.3.4 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the I/O can allow low resistance to ground or the supply and, without current-limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA =79.9°C/W, VI = 5.25 V, TJ = 150°C, TA = 25°C
298
Is
Safety input, output, or supply current
mA
θJA =79.9°C/W, VI = 3.45 V, TJ = 150°C, TA = 25°C
453
Ts
Maximum Case Temperature
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed on a High-K Test Board for Leaded Surface-Mount
Packages. The power is the recommended maximum input voltage times the current. The junction temperature is
then the ambient temperature plus the power times the junction-to-air thermal resistance.
Figure 8. DW-16 RΘJC Thermal Derating Curve for VDE
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ISO7520C ISO7521C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com