Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2103DR Datasheet(PDF) 16 Page - Texas Instruments

Part # LM2103DR
Description  LM2103 107-V, 0.5-A/0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Inverting Input
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2103DR Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2103DR Datasheet HTML 12Page - Texas Instruments LM2103DR Datasheet HTML 13Page - Texas Instruments LM2103DR Datasheet HTML 14Page - Texas Instruments LM2103DR Datasheet HTML 15Page - Texas Instruments LM2103DR Datasheet HTML 16Page - Texas Instruments LM2103DR Datasheet HTML 17Page - Texas Instruments LM2103DR Datasheet HTML 18Page - Texas Instruments LM2103DR Datasheet HTML 19Page - Texas Instruments LM2103DR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
IGHL= VGVDD−VDH
RGHL+RGATE+RGFET_INT
(9)
where
• RGHL is the GH pulldown resistance
The peak GL pullup current is shown in Equation 10.
IGLH= VGVDD
RGLH+RGATE+RGFET_INT
(10)
where
• RGLH is the GL pullup resistance
The peak GL pulldown current is shown in Equation 11.
IGLL= VGVDD
RGLL+RGATE+RGFET_INT
(11)
where
• RGLL is the GL pulldown resistance
For some scenarios, if the applications require fast turnoff, an anti-paralleled diode on RGate could be used to
bypass the external gate drive resistor and speed up turnoff transition.
8.2.2.4 Estimate the Driver Power Loss
The total driver IC power dissipation can be estimated through the following components.
1. Static power losses, PQC, due to quiescent currents IGVDD and IBST is shown in Equation 12.
PQC = VGVDD × IGVDD + (VGVDD – VF) × IBST = 12V × 0.43mA + (12V – 1V) × 0.15mA = 6.8mW
(12)
2. Level-shifter losses, PIBSTS, due high-side leakage current IBSTS is shown in Equation 13.
PIBSTS = VBST × IBSTS × D = 72V × 0.033mA × 0.95 = 2.26mW
(13)
where
• D is the high-side switch duty cycle
3. Dynamic losses, PQG1&2, due to the FETs gate charge QG as shown in Equation 14.
PQG1&2=2×VGVDD×QG×fSW× RGD_R
RGD_R+RGATE+RGFET_INT= 2×12V×17nC×50kHz× 5.25Ω
5.25Ω+4.7Ω+2.2Ω
=8.8mW
(14)
where
• QG = Total FETs gate charge
• fSW = Switching frequency
• RGD_R = Average value of pullup and pulldown resistor
• RGATE = External gate drive resistor
• RGFET_INT = Internal FETs gate resistor
4. Level-shifter dynamic losses, PLS, during high-side switching due to required level-shifter charge on each
switching cycle. For this example it is assumed that value of parasitic charge QP is 2.5 nC, as shown in
Equation 15.
PLS = VBST × QP × fSW = 72V × 2.5nC × 50kHz = 9mW
(15)
LM2103
SNVSC62A – APRIL 2023 – REVISED AUGUST 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com