Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20-810-059 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # 20-810-059
Description  HSS Long Series Drills
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

20-810-059 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  20-810-059 Datasheet HTML 1Page - Premier Farnell Limited. 20-810-059 Datasheet HTML 2Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Size
Flute Length
Overall Length
(mm)
(mm)
(mm)
Order Code
Price Each
1.00
33
56
137-5909
——
1.20
41
65
148-5455
——
1.30
41
65
137-5911
——
1.40
45
70
137-5912
——
1.50
45
70
138-9455
——
1.60
50
76
137-5913
——
1.70
50
76
137-6011
——
1.80
53
80
148-5515
——
1.90
53
80
137-6195
——
2.00
56
85
138-9456
——
2.10
56
85
137-5914
——
2.20
59
90
137-6012
——
2.30
59
90
137-6013
——
2.40
62
95
137-6152
——
2.50
62
95
137-5915
——
2.60
62
95
137-6153
——
2.70
66
100
137-6197
——
2.80
66
100
137-6154
——
2.90
66
100
137-6014
——
3.00
66
100
387-1484
——
3.10
69
106
137-5916
——
3.20
69
106
148-8981
——
3.30
69
106
148-5516
——
3.40
73
112
137-6198
——
3.50
73
112
387-1502
——
3.60
73
112
137-6155
——
3.70
73
112
137-6015
——
3.80
78
119
137-6016
——
3.90
78
119
137-6017
——
4.00
78
119
387-1514
——
4.10
78
119
137-6199
——
4.20
78
119
148-5517
——
4.30
82
126
137-6200
——
4.40
82
126
137-6018
——
4.50
82
126
147-7356
——
4.60
82
126
137-6021
——
4.70
82
126
137-6156
——
4.80
87
132
137-6201
——
4.90
87
132
137-6203
——
5.00
87
132
387-1540
——
5.10
87
132
137-6302
——
5.20
87
132
137-6022
——
5.30
87
132
137-6204
——
5.40
91
139
137-6157
——
5.50
91
139
147-7357
——
5.60
91
139
137-6205
——
5.70
91
139
137-6206
——
5.80
91
139
137-6222
——
5.90
91
139
137-6165
——
6.00
91
139
387-1563
——
6.10
97
148
137-6023
——
6.20
97
148
137-6024
——
6.30
97
148
137-6158
——
6.40
97
148
137-6025
——
6.50
97
148
147-7358
——
6.60
97
148
137-6207
——
6.70
97
148
137-6161
——
6.80
102
156
148-8982
——
6.90
102
156
137-6162
——
7.00
102
156
147-7359
——
7.10
102
156
137-6208
——
7.20
102
156
137-6209
——
7.30
102
156
137-6210
——
7.40
102
156
137-6211
——
7.50
102
156
147-7360
——
7.60
109
165
137-6212
——
7.70
109
165
137-6213
——
7.80
109
165
137-6026
——
7.90
109
165
137-6215
——
8.00
109
165
147-7361
——
8.10
109
165
137-6216
——
8.20
109
165
137-6213
——
8.30
109
165
137-6217
——
8.40
109
165
137-6218
——
8.50
109
165
147-7362
——
8.60
115
175
137-6219
——
8.70
115
175
137-6303
——
8.80
115
175
137-6164
——
8.90
115
175
137-6220
——
9.00
115
175
147-7363
——
9.50
115
175
147-7364
——
10 00
121
184
147 7366
Flute geometry
Standard helix, right hand cutting
Point angle
118°
Surface treatment
Blue
Range
1-20mm, 1⁄32 - 3⁄4
Application
Long series drill for drilling deeper holes
Suitable for general purpose applications.
Metric
DIN 340RN/BS 328
HSS Long Series Drills


Similar Part No. - 20-810-059

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
20-8 AMPHENOL-20-8 Datasheet
2Mb / 38P
Amphenol 97 Series Connectors
12-022-18
logo
Premier Farnell Limited...
20-825-015 DURATOOL-20-825-015 Datasheet
29Kb / 1P
HSS Long Series Drils - Extra Length
20-825-020 DURATOOL-20-825-020 Datasheet
29Kb / 1P
HSS Long Series Drils - Extra Length
20-825-030 DURATOOL-20-825-030 Datasheet
29Kb / 1P
HSS Long Series Drils - Extra Length
20-825-031 DURATOOL-20-825-031 Datasheet
29Kb / 1P
HSS Long Series Drils - Extra Length
More results

Similar Description - 20-810-059

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1105150-1 MACOM-2-1105150-1 Datasheet
86Kb / 1P
PIN CONTACT SERIES HSS
2-1105151-1 MACOM-2-1105151-1 Datasheet
97Kb / 1P
SOCKET CONTACT SERIES HSS
2-1105870-8 MACOM-2-1105870-8 Datasheet
56Kb / 1P
HTS-DIE SET FOR HSK, HSM AND HSS CONTACTS
2-1104200-3 MACOM-2-1104200-3 Datasheet
39Kb / 1P
Male insert HSS.8 Stifteinsatz HSS.8
2-1104202-3 MACOM-2-1104202-3 Datasheet
39Kb / 1P
Female insert HSS.8 Buchseneinsatz HSS.8
logo
List of Unclassifed Man...
HS40 ETC1-HS40 Datasheet
121Kb / 1P
Tap / Die Set, M3 to M12, HSS
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
logo
Hamamatsu Corporation
L11033 HAMAMATSU-L11033 Datasheet
121Kb / 2P
LONG LIFE XENON LAMP SERIES
logo
List of Unclassifed Man...
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
logo
Bourns Electronic Solut...
91A2A-G28-L15 BOURNS-91A2A-G28-L15 Datasheet
381Kb / 3P
Long Life Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com