Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3464AMH/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3464AMH/NOPB
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3464AMH/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM3464AMH/NOPB Datasheet HTML 1Page - Texas Instruments LM3464AMH/NOPB Datasheet HTML 2Page - Texas Instruments LM3464AMH/NOPB Datasheet HTML 3Page - Texas Instruments LM3464AMH/NOPB Datasheet HTML 4Page - Texas Instruments LM3464AMH/NOPB Datasheet HTML 5Page - Texas Instruments LM3464AMH/NOPB Datasheet HTML 6Page - Texas Instruments LM3464AMH/NOPB Datasheet HTML 7Page - Texas Instruments LM3464AMH/NOPB Datasheet HTML 8Page - Texas Instruments LM3464AMH/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LM3464, LM3464A
SNVS652F – APRIL 2010 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings (LM3464/LM3464A)
(1) (2)
VIN to GND
-0.3V to 100V
DR1, DR2, DR3, DR4 to GND
-0.3V to 100V
EN to GND
-0.3V to 5.5V
All other inputs to GND
-0.3V to 7V
ESD Rating (3), Human Body Model
±2 kV
Storage Temperature Range
−65°C to + 150°C
Junction Temperature (TJ)
+ 150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings (LM3464)
Supply Voltage Range (VIN)
12V to 80V
Junction Temperature Range (TJ)
−40°C to + 125°C
Thermal Resistance (
θJA)
(1)
33.5°C/W
Thermal Resistance (
θJC)
(1)
6°C/W
(1)
Measurements are performed on a 4 layer JEDEC board with 10 vias provided under the exposed pad. See JESD51-1 to JESD51-11.
The value of
θJA is specifically dependent on the PCB trace area, trace material and the number of layers and thermal vias.
Operating Ratings (LM3464A)
Supply Voltage Range (VIN)
12V to 95V
Junction Temperature Range (TJ)
−40°C to + 125°C
Thermal Resistance (
θJA)
(1)
33.5°C/W
Thermal Resistance (
θJC)
(1)
6°C/W
(1)
Measurements are performed on a 4 layer JEDEC board with 10 vias provided under the exposed pad. See JESD51-1 to JESD51-11.
The value of
θJA is specifically dependent on the PCB trace area, trace material and the number of layers and thermal vias.
Electrical Characteristics (LM3464/LM3464A)
Specification with standard type are for TA = TJ = +25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum are specified through test, design or statistical correlation. Typical values
represent the most likely parametric norm at TJ = +25°C, and are provided for reference purposes only. Unless otherwise
stated the following conditions apply: VIN = 48V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vcc Regulator(1)
VIN-UVLO
Vin under voltage lockout
VIN increasing
8.5
V
VIN-UVLO-HYS
Vin UVLO hysteresis
VIN decreasing
95
mV
VCC
VCC output voltage
CVCC = 0.68 µF
6.15
6.3
6.51
V
No load
VCC-UVLO
VCC under-voltage lockout threshold (UVLO)
VCC increasing
4.98
5.28
V
VCC-UVLO-HYS
VCC UVLO hysteresis
VCC decreasing
250
mV
IIN
Quiescent Current from VIN
CVCC = 0.68 µF
1.65
2.3
3
mA
No load
IVCC
VCC Current limit
VCC = 0V
18
mA
Device Enable
VEN-DISABLE
Device disable voltage threshold
VEN Decreasing
2.1
2.55
3
V
(1)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3464 LM3464A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com