Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3544 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3544
Description  Quad Port USB Power Distribution Switch and Over-Current Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3544 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3544 Datasheet HTML 8Page - Texas Instruments LM3544 Datasheet HTML 9Page - Texas Instruments LM3544 Datasheet HTML 10Page - Texas Instruments LM3544 Datasheet HTML 11Page - Texas Instruments LM3544 Datasheet HTML 12Page - Texas Instruments LM3544 Datasheet HTML 13Page - Texas Instruments LM3544 Datasheet HTML 14Page - Texas Instruments LM3544 Datasheet HTML 15Page - Texas Instruments LM3544 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
LM3544
SNVS062C – AUGUST 2000 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
OUTPUT FILTERING
The schematic in Figure 3 shows a typical application circuit for the LM3544. The USB specification requires 120
μF at the output of each hub. A four-port hub with 33 μF tantalum capacitors at each port output meets the
specification. These capacitors provide short-term transient current to drive downstream devices when hot-plug
events occur. Capacitors with low equivalent-series-resistance should be used to lower the inrush current flow
through the LM3544 during a hot-plug event.
The rapid change in currents seen during a hot plug event can generate electromagnetic interference (EMI). To
reduce this effect, ferrite beads in series between the outputs of the LM3544 and the downstream USB port are
recommended. Beads should also be placed between the ground node of the LM3544 and the ground nodes of
connected downstream ports. In order to keep voltage drop across the beads to a minimum, wire with small DC
resistance should be used through the ferrite beads. A 0.01
μF - 0.1 μF ceramic capacitor is recommended on
each downstream port directly between the Vbus and ground pins to further reduce EMI effects.
POWER SUPPLY FILTERING
A sizable capacitor should be connected to the input of the LM3544 to ensure the voltage drop on this node is
less than 330 mV during a heavy-load hot-plug event. A 33
μF, 16V tantalum capacitor is recommended. The
input supply should be further bypassed with a 0.01
μF - 0.1 μF ceramic capacitor, placed close to the device.
The ceramic capacitor reduces ringing on the supply that can occur when a short is present at the output of a
port.
EXTENDING THE FAULT FLAG DELAY
While the 7 ms (typical) internal delay in reporting flag conditions is adequate for most applications, the delay can
be extended by connecting external RC filters to the FLAG pins, as shown in Figure 25.
Figure 25. Typical Circuit for Lengthening the Internal Flag Delay
POWER DISSIPATION AND JUNCTION TEMPERATURE
A few simple calculations will allow a designer to calculate the approximate operating temperature of the LM3544
for a given application. The large currents possible through the low resistance power MOSFET combined with
the high thermal resistance of the SOIC package, in relation to power packages, make this estimate an important
design step. Begin the estimate by determining RON at the expected operating temperature using the graphs in
the Typical Performance Characteristics section of this datasheet. Next, calculate the power dissipation through
the switch with Equation 1.
PD = RON * IDS 2
(1)
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com