Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4752TS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4752TS/NOPB
Description  LM4752 Stereo 11W Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4752TS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4752TS/NOPB Datasheet HTML 4Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 5Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 6Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 7Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 8Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 9Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 10Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 11Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LM4752
SNAS006E – FEBRUARY 1999 – REVISED APRIL 2013
www.ti.com
SYSTEM APPLICATION CIRCUIT
Figure 5. Circuit for External Components Description
EXTERNAL COMPONENTS DESCRIPTION
Components
Function Description
1, 2
Cs
Provides power supply filtering and bypassing.
3, 4
Rsn
Works with Csn to stabilize the output stage from high frequency oscillations.
5, 6
Csn
Works with Rsn to stabilize the output stage from high frequency oscillations.
7
Cb
Provides filtering for the internally generated half-supply bias generator.
8, 9
Ci
Input AC coupling capacitor which blocks DC voltage at the amplifier's input terminals. Also creates a high pass
filter with fc =1/(2 •
π • Rin • Cin).
10, 11
Co
Output AC coupling capacitor which blocks DC voltage at the amplifier's output terminal. Creunderates a high pass
filter with fc =1/(2 •
π • Rout • Cout).
12, 13
Ri
Voltage control - limits the voltage level to the amplifier's input terminals.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com