Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4752TS/NOPB.B Datasheet(PDF) 20 Page - Texas Instruments

Part # LM4752TS/NOPB.B
Description  LM4752 Stereo 11W Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4752TS/NOPB.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM4752TS/NOPB.B Datasheet HTML 16Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 17Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 18Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 19Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 20Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 21Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 22Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 23Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LM4752
SNAS006E – FEBRUARY 1999 – REVISED APRIL 2013
www.ti.com
DDPAK HEATSINK DESIGN EXAMPLES
Example 1: (Stereo Single-Ended Output)
Given: TA=30°C
TJ=150°C
RL=4Ω
VS=12V
θJC=2°C/W
PDMAX from PD vs PO Graph:
PDMAX ≈ 3.7W
(10)
Calculating PDMAX:
PDMAX = VCC
2 / (π2R
L) = (12V)
2 / π2(4Ω)) = 3.65W
(11)
Calculating Heatsink Thermal Resistance:
θSA < [(T J − TA) / PDMAX] − θJC − θCS
(12)
θSA < 120°C / 3.7W − 2.0°C/W − 0.2°C/W = 30.2°C/W
(13)
Therefore the recommendation is to use 1.5 × 1.5 square inch of single-sided copper clad.
Example 2: (Stereo Single-Ended Output)
Given: TA=50°C
TJ=150°C
RL=4Ω
VS=12V
θJC=2°C/W
PDMAX from PD vs PO Graph:
PDMAX ≈ 3.7W
(14)
Calculating PDMAX:
PDMAX = VCC
2 / (π2R
L) = (12V)
2 / (π2(4Ω)) = 3.65W
(15)
Calculating Heatsink Thermal Resistance:
θSA < [(TJ − TA) / PDMAX] − θJC − θCS
(16)
θSA < 100°C / 3.7W − 2.0°C/W − 0.2°C/W = 24.8°C/W
(17)
Therefore the recommendation is to use 2.0 × 2.0 square inch of single-sided copper clad.
Example 3: (Bridged Output)
Given: TA=50°C
TJ=150°C
RL=8Ω
VS=12V
θJC=2°C/W
Calculating PDMAX:
PDMAX = 4[VCC
2 / (2π2R
L)] = 4(12V)
2 / (2π2(8Ω)) = 3.65W
(18)
Calculating Heatsink Thermal Resistance:
θSA < [(TJ − TA) / PDMAX] − θJC − θCS
(19)
θSA < 100°C / 3.7W − 2.0°C/W − 0.2°C/W = 24.8°C/W
(20)
Therefore the recommendation is to use 2.0 × 2.0 square inch of single-sided copper clad.
20
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com