Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4865M/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4865M/NOPB
Description  LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4865M/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4865M/NOPB Datasheet HTML 7Page - Texas Instruments LM4865M/NOPB Datasheet HTML 8Page - Texas Instruments LM4865M/NOPB Datasheet HTML 9Page - Texas Instruments LM4865M/NOPB Datasheet HTML 10Page - Texas Instruments LM4865M/NOPB Datasheet HTML 11Page - Texas Instruments LM4865M/NOPB Datasheet HTML 12Page - Texas Instruments LM4865M/NOPB Datasheet HTML 13Page - Texas Instruments LM4865M/NOPB Datasheet HTML 14Page - Texas Instruments LM4865M/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM4865
www.ti.com
SNAS035G – DECEMBER 1999 – REVISED MAY 2013
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. The capacitors connected to the bypass and power supply pins should be placed as close to the
LM4865 as possible. The capacitor connected between the bypass pin and ground improves the internal bias
voltage's stability, producing improved PSRR. The improvements to PSRR increase as the bypass pin capacitor
value increases. Typical applications employ a 5V regulator with 10µF and a 0.1µF filter capacitors that aid in
supply stability. Their presence, however does not eliminate the need for bypassing the supply nodes of the
LM4865. The selection of bypass capacitor values, especially CB, depends on desired PSRR requirements, click
and pop performance (as explained in the section, PROPERLY SELECTING EXTERNAL COMPONENTS),
system cost, and size constraints.
DC VOLTAGE VOLUME CONTROL
The LM4865 has internal volume control that is controlled by the DC voltage applied its DC Vol/SD pin (pin 5 on
the micro SMD and pin 4 on the VSSOP and SOIC packages). The volume control's input range is from GND to
VDD. A graph showing a typical volume response versus input control voltage is shown in the TYPICAL
PERFORMANCE CHARACTERISTICS section. The DC Vol/SD pin also functions as the control pin for the
LM4865's micropower shutdown feature. See the MUTE AND SHUTDOWN FUNCTION section for more
information.
Like all volume controls, the LM4865's internal volume control is set while listening to an amplified signal that is
applied to an external speaker. The actual voltage applied to the DC Vol/SD pin is a result of the volume a
listener desires. As such, the volume control is designed for use in a feedback system that includes human ears
and preferences. This feedback system operates quite well without the need for accurate gain. The user simply
sets the volume to the desired level as determined by their ear, without regard to the actual DC voltage that
produces the volume. Therefore, the accuracy of the volume control is not critical, as long as volume changes
monotonically and step size is small enough to reach a desired volume that is not too loud or too soft. Since gain
accuracy is not critical, there will be volume variation from part-to-part even with the same applied DC control
voltage. The gain of a given LM4865 can be set with a fixed external voltage, but another LM4865 may require a
different control voltage to achieve the same gain. Figure 29 is a curve showing the volume variation of twenty
typical LM4865s as the voltage applied to the DC Vol/SD pin is varied. For gains greater than unity, the typical
part-to-part variation can be as large as 8dB for the same control voltage.
Figure 29. Typical Part-to-Part Gain Variation as a Function of DC-Vol Control Voltage
MUTE AND SHUTDOWN FUNCTION
The LM4865's mute and shutdown functions are controlled through the DC Vol/SD pin. Mute is activated by
applying a voltage in the range of 500mV to 1V. A typical attenuation of 75dB is achieved is while mute is active.
The LM4865's micropower shutdown mode turns off the amplifier's bias circuitry. The micropower shutdown
mode is activated by applying less than 300mVDC to the DC Vol/SD pin. When shutdown is active, they supply
current is reduced to 0.7µA (typ). A degree of uncertainty exists when the voltage applied to the DC Vol/SD pin is
in the range of 300mV to 500mV. The LM4865 can be in mute, still fully powered, or in micropower shutdown
and fully muted. In mute mode, the LM4865 draws the typical quiescent supply current. The DC Vol/SD pin
should be tied to GND for best shutdown mode performance. As the DC Vol/SD is increased above 0.5V the
amplifier will follow the attenuation curve in TYPICAL PERFORMANCE CHARACTERISTICS.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com