Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM50 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM50
Description  LM50 Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM50 Datasheet HTML 16Page - Texas Instruments LM50 Datasheet HTML 17Page - Texas Instruments LM50 Datasheet HTML 18Page - Texas Instruments LM50 Datasheet HTML 19Page - Texas Instruments LM50 Datasheet HTML 20Page - Texas Instruments LM50 Datasheet HTML 21Page - Texas Instruments LM50 Datasheet HTML 22Page - Texas Instruments LM50 Datasheet HTML 23Page - Texas Instruments LM50 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM50BIM3
NRND
Production
SOT-23 (DBZ) | 3
1000 | LARGE T&R
No
Call TI
Level-1-260C-UNLIM
-40 to 150
T5B
LM50BIM3.B
NRND
Production
SOT-23 (DBZ) | 3
1000 | LARGE T&R
No
Call TI
Level-1-260C-UNLIM
-40 to 150
T5B
LM50BIM3/NOPB
Obsolete
Production
SOT-23 (DBZ) | 3
-
-
Call TI
Call TI
-40 to 125
T5B
LM50BIM3X/NOPB
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
T5B
LM50BIM3X/NOPB.A
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 150
T5B
LM50BIM3X/NOPB.B
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 150
T5B
LM50CIM3
Active
Production
SOT-23 (DBZ) | 3
1000 | SMALL T&R
No
Call TI
Level-1-260C-UNLIM
-40 to 125
T5C
LM50CIM3.B
Active
Production
SOT-23 (DBZ) | 3
1000 | SMALL T&R
No
Call TI
Level-1-260C-UNLIM
-40 to 150
T5C
LM50CIM3/NOPB
Obsolete
Production
SOT-23 (DBZ) | 3
-
-
Call TI
Call TI
-40 to 125
T5C
LM50CIM3X
NRND
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
No
Call TI
Level-1-260C-UNLIM
-40 to 150
T5C
LM50CIM3X.B
NRND
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
No
Call TI
Level-1-260C-UNLIM
-40 to 150
T5C
LM50CIM3X/NOPB
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
T5C
LM50CIM3X/NOPB.A
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 150
T5C
LM50CIM3X/NOPB.B
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 150
T5C
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com