Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4865M/NOPB.A Datasheet(PDF) 14 Page - Texas Instruments

Part # LM4865M/NOPB.A
Description  LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4865M/NOPB.A Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4865M/NOPB.A Datasheet HTML 10Page - Texas Instruments LM4865M/NOPB.A Datasheet HTML 11Page - Texas Instruments LM4865M/NOPB.A Datasheet HTML 12Page - Texas Instruments LM4865M/NOPB.A Datasheet HTML 13Page - Texas Instruments LM4865M/NOPB.A Datasheet HTML 14Page - Texas Instruments LM4865M/NOPB.A Datasheet HTML 15Page - Texas Instruments LM4865M/NOPB.A Datasheet HTML 16Page - Texas Instruments LM4865M/NOPB.A Datasheet HTML 17Page - Texas Instruments LM4865M/NOPB.A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LM4865
SNAS035G – DECEMBER 1999 – REVISED MAY 2013
www.ti.com
RECOMMENDED PRINTED CIRCUIT BOARD LAYOUT
Figure 31 through Figure 33 show the recommended two-layer PC board layout that is optimized for the SOIC-8
packaged LM4865 and associated external components. Figure 34 through Figure 38 show the recommended
four-layer PC board layout for the micro SMD packaged LM4865. A four-layer board is recommended when
using the micro SMD packaged LM4865: the two inner layers, one connected to the GND pin, the other to the
VDD pin, provide heatsinking. Both layouts are designed for use with an external 5V supply, 8Ω speakers, and
32
Ω headphones. The schematic for both recommended PC board layouts is Figure 3.
Both circuit boards are easy to use. Apply a 5V supply voltage and ground to the board's VDD and GND pads,
respectively. Connect a speaker with an 8
Ω minimum impedance between the board's -OUT and +OUT pads.
For headphone use, the layout has provisions for a headphone jack, J1. When a jack is connected as shown,
inserting a headphone plug automatically switches off the external speaker.
Figure 31. Recommended SOIC PC Board Layout:
Component Side Silkscreen
Figure 32. Recommended SOIC PC Board Layout:
Component Side Layout
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com