Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32C Datasheet(PDF) 40 Page - Nexperia B.V. All rights reserved

Part # MJD32C
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MJD32C Datasheet(HTML) 40 Page - Nexperia B.V. All rights reserved

Back Button MJD32C Datasheet HTML 36Page - Nexperia B.V. All rights reserved MJD32C Datasheet HTML 37Page - Nexperia B.V. All rights reserved MJD32C Datasheet HTML 38Page - Nexperia B.V. All rights reserved MJD32C Datasheet HTML 39Page - Nexperia B.V. All rights reserved MJD32C Datasheet HTML 40Page - Nexperia B.V. All rights reserved MJD32C Datasheet HTML 41Page - Nexperia B.V. All rights reserved MJD32C Datasheet HTML 42Page - Nexperia B.V. All rights reserved MJD32C Datasheet HTML 43Page - Nexperia B.V. All rights reserved MJD32C Datasheet HTML 44Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 234 page
background image
Package indicator
D = SOT457
X = SOT89
Z = SOT223
N = NPN
P = PNP
Different per package
See selection guide
PBSS 301 N D
Package indicator
T = SOT23
D = SOT457
X = SOT89
Z = SOT223
Different per Voltage
21 = 20 V
32 = 30 V
41 = 60 V
Product identifier
PBSS 40 21 N T
3rd generation Low VCEsat transistors
4th generation Low VCEsat transistors
NexPeria BISS
technology transistor
NexPeria BISS
technology transistor
N = NPN
P = PNP
Nexperia selection guide 2020
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com