Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF0 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # CF0
Description  CARBON FILM RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CF0 Datasheet(HTML) 3 Page - YAGEO Corporation

  CF0 Datasheet HTML 1Page - YAGEO Corporation CF0 Datasheet HTML 2Page - YAGEO Corporation CF0 Datasheet HTML 3Page - YAGEO Corporation CF0 Datasheet HTML 4Page - YAGEO Corporation CF0 Datasheet HTML 5Page - YAGEO Corporation CF0 Datasheet HTML 6Page - YAGEO Corporation CF0 Datasheet HTML 7Page - YAGEO Corporation CF0 Datasheet HTML 8Page - YAGEO Corporation CF0 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.yageo.com
Apr. 03, 2024
V.2
Carbon Film Resistors
3
12
Product Specification
CF0
Through Hole Resistors
DIMENSIONS
Unit: mm
Miniature
L
ψD
H
ψd
CF0204
3.4 ± 0.3
1.9 ± 0.2
28 ± 2.0
0.45 ± 0.05
CF0207
6.3 ± 0.5
2.4 ± 0.2
28 ± 2.0
0.55 ± 0.05
DERATING CURVE
ELECTRICAL CHARACTERISTICS
TABLE 1
CHARACTERISTICS
CF0204
CF0207
Power Rating at 70 °C
0.4W
0.6W
Maximum Working Voltage
200V
300V
Maximum Overload Voltage
400V
600V
Voltage Proof on Insulation
300V
500V
Resistance Range
1Ω ~10M for E24 series value
Operating Temp. Range
- 55°C to +155°C
Temperature Coefficient
See table 2
Note: For resistance value out of above range is by request.
TABLE 2 TEMPERATURE COEFFICIENT
TYPE
Temp. Coefficient ppm/°C
Under 100KΩ
100K ~ 1MΩ
1M ~ 10MΩ
CF0204
CF0207
- 500 ~+350
-700~0
-1500~0
Rated Power (%)
100
80
60
40
20
20
40
70
100
155
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com