Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTP Datasheet(PDF) 2 Page - YAGEO Corporation

Part # CTP
Description  CERAMIC TUBE WIREWOUND RESISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CTP Datasheet(HTML) 2 Page - YAGEO Corporation

  CTP Datasheet HTML 1Page - YAGEO Corporation CTP Datasheet HTML 2Page - YAGEO Corporation CTP Datasheet HTML 3Page - YAGEO Corporation CTP Datasheet HTML 4Page - YAGEO Corporation CTP Datasheet HTML 5Page - YAGEO Corporation CTP Datasheet HTML 6Page - YAGEO Corporation CTP Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.yageo.com
Feb. 27, 2024
V.5
Ceramic Tube Wirewound Resistors
2
7
Product Specification
CTP
Through Hole Resistors
APPLICATIONS
 Power, pulse application
 Industry electronic
 Large-sized machinery
FEATURES
 Reduced size
 High power range
 Excellent surge performance
 RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the power wirewound resistor is identified by the series,
power rating, tolerance, packing type, temperature coefficient, type and
resistance value.
PART NUMBER
CTP
80A
J
B
-
CR
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES NAME
CTP Series
(2) POWER RATING
20A = 20W
30A = 30W
50A = 50W
60A = 60W
80A = 80W
10B = 100W,
15B = 150W
20B = 200W
30B = 300W
40B = 400W
50B = 500W,
60B = 600W
75B = 750W
10E = 1000WS
10C = 1000W
12C = 1200W
15E = 1500WS
15C= 1500W
20E = 2000WS
20C= 2000W
25E = 2500WS
25C= 2500W
30C= 3000W
50C= 5000W
10D= 10000W
25B= 250W,
22G= 225W
(3) TOLERANCE
F = ±1
G = ±2%
K = ±10%
J = ±5%
* ±1%, ±2% available in SS/SSN type only
(4) PACKAGING TYPE
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
- = Based on spec.
(6) TYPE
CR = Corrugated ribbon construction
CRN = Corrugated ribbon construction w/o cradle
SS = Smooth surface
SSN = Smooth surface w/o cradle
(7) RESISTANCE VALUE
E24 & E96 Series
Example:
1R = 1
Ω, 10R = 10Ω, 1K = 1,000Ω…….



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com