Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBAR5AP2000N0S Datasheet(PDF) 2 Page - APEM

Part # PBAR5AP2000N0S
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR5AP2000N0S Datasheet(HTML) 2 Page - APEM

  PBAR5AP2000N0S Datasheet HTML 1Page - APEM PBAR5AP2000N0S Datasheet HTML 2Page - APEM PBAR5AP2000N0S Datasheet HTML 3Page - APEM PBAR5AP2000N0S Datasheet HTML 4Page - APEM PBAR5AP2000N0S Datasheet HTML 5Page - APEM PBAR5AP2000N0S Datasheet HTML 6Page - APEM PBAR5AP2000N0S Datasheet HTML 7Page - APEM PBAR5AP2000N0S Datasheet HTML 8Page - APEM PBAR5AP2000N0S Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
B2-130
APEM
www.apem.com
B2
PBA series
Piezo switches
Electrical functions
FINGER PRESSURE
applied to switch
1 = pressure
0 = no pressure
OUTPUT
- Momentary NO (pulse)
No external power supply required
- Momentary NC (pulse)
No external power supply required
- Momentary NO prolongated
pulse - On request
No external power supply required
- Latching (ON - OFF)
Requires external power supply
1 = closed output
0 = open output
Wiring diagrams
Momentary NO
Momentary NC
Momentary NO
prolongated pulse
Latching (ON - OFF)
1 LED *
2 LEDs
3 LEDs
Non-illuminated
Legend
: C = yellow, D = blue, B = black, A = same colour as LED
* LED colour is indicated by the bottom of the product.
indice B
ECHELLE: 0.7
le 23/11/10
FICHIER: CPBACHR
1
0
1
0
t
t
t
t
t
t
t
1
0
1
0
0
1
0
1
1
0
PBARCHR1-B
PBARCHR2
t<20s
t>20s
Up to 20s
t=Xs
indice B
ECHELLE: 0.7
le 23/11/10
FICHIER: CPBACHR
1
0
1
0
t
t
t
t
t
t
t
1
0
1
0
0
1
0
1
1
0
PBARCHR1-B
PBARCHR2
t<20s
t>20s
Up to 20s
t=Xs
FICHIER: PBARSH-P4
le 10/12/08
ECHELLE: 0.7
indice A
RED
RED
GREEN
GREEN
PBARSH1-A
RED
RED
9-24V
AC/DC
WHITE
WHITE
RED
RED
WHITE
WHITE
WHITE
WHITE
GREEN
GREEN
RED
RED
WHITE
WHITE
AC/DC
9-24V
D
C
RED
RED
RED
RED
A
B
A
B
A
B
A
B A
B
B
A
A
B
A
B
A
B
A
B
A
B
A
GREEN
GREEN
GREEN
GREEN
C
D
D
C
WHITE
WHITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com