Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB16EP Datasheet(PDF) 24 Page - Nexperia B.V. All rights reserved

Part # PMPB16EP
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB16EP Datasheet(HTML) 24 Page - Nexperia B.V. All rights reserved

Back Button PMPB16EP Datasheet HTML 20Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 21Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 22Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 23Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 24Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 25Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 26Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 27Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 28Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 234 page
background image
Darlington transistors
Schmitt triggers
Automotive-qualified
Package
SOT143B
Size (mm)
2.9 x 1.3 x 1.0
Ptot (mW)
250
Polarity
V
CEO (V) TR1
V
CEO (V) TR2
I
C (mA)
h
FE min
h
FE max
V
CEsat typ (mV)
NPN
30
6
100
110
800
250
BCV63 / B
PNP
30
6
100
220
475
250
BCV64B
Low noise transistors
Automotive-qualified
Package
SOT23
SOT323
(SC-70)
Size (mm)
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95
Ptot (mW)
250
200
Polarity
VCEO (V)
IC (mA)
Noise figure
max (dB)
hFE min
hFE max
f
T min (MHz)
NPN
30
100
4
200
450
100
BC849B
BC849BW
420
800
100
BC849C
BC849CW
45
100
4
200
450
100
BC850B
BC850BW
420
800
100
BC850C
BC850CW
PNP
30
100
4
220
475
100
BC859B
BC859BW
420
800
100
BC859C
BC859CW
45
100
4
220
475
100
BC860B
BC860BW
420
800
100
BC860C
BC860CW
Automotive-qualified
Package
SOT223
(SC-73)
SOT89 (SC-62)
SOT23
Size (mm)
6.5 x 3.5 x 1.65
4.5 x 2.5 x 1.5
2.9 x 1.3 x 1.0
Ptot (mW)
1700
1300
250
Polarity
VCEO (V)
IC (mA)
hFE min
f
T min (MHz)
NPN
30
500
10000
125
PMBTA13
20000
PZTA14
PXTA14
PMBTA14
220
BCV29
BCV27
45
1000
2000
200
BSP50
BST50
60
500
10000
220
BCV49
BCV47
1000
2000
200
BSP51
BST51
80
BSP52
BST52
PNP
30
500
20000
125
PMBTA64
220
BCV28
BCV26
45
1000
2000
200
BSP60
BST60
60
500
10000
220
BCV48
BCV46
1000
2000
200
BSP61
BST61
80
BSP62
BST62
M3D109
General purpose bipolar transistors
Nexperia selection guide 2020
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com