Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JANMS318110CAL Datasheet(PDF) 21 Page - Amphenol PCD, Inc

Part # JANMS318110CAL
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

JANMS318110CAL Datasheet(HTML) 21 Page - Amphenol PCD, Inc

Back Button JANMS318110CAL Datasheet HTML 17Page - Amphenol PCD, Inc JANMS318110CAL Datasheet HTML 18Page - Amphenol PCD, Inc JANMS318110CAL Datasheet HTML 19Page - Amphenol PCD, Inc JANMS318110CAL Datasheet HTML 20Page - Amphenol PCD, Inc JANMS318110CAL Datasheet HTML 21Page - Amphenol PCD, Inc JANMS318110CAL Datasheet HTML 22Page - Amphenol PCD, Inc JANMS318110CAL Datasheet HTML 23Page - Amphenol PCD, Inc JANMS318110CAL Datasheet HTML 24Page - Amphenol PCD, Inc JANMS318110CAL Datasheet HTML 25Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Visit
amphenolpcd.com for more information
21
TABLE A
Accessory
Shell Size
K Ø Max. Length
L Max.
Q Ø Max. Overall
H Std. Length
N Ø Min.
X Max. Overall
+12.70 / -6.35
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
8
20.62
0.81
14.27
0.56
18.64
0.73
76.20
3
14.68
0.57
21.44
0.84
10
25.4
1
14.27
0.56
21.82
0.85
76.20
3
17.86
0.70
21.44
0.84
12
30.18
1.18
14.27
0.56
25.40
1
88.90
3.5
22.63
0.89
21.44
0.84
14
36.53
1.43
14.27
0.56
28.58
1.12
88.90
3.5
25.81
1.01
21.44
0.84
16
39.67
1.56
14.27
0.56
31.75
1.25
88.90
3.5
28.98
1.14
21.44
0.84
18
42.88
1.68
14.27
0.56
34.92
1.37
88.90
3.5
32.16
1.26
21.44
0.84
20
47.55
1.87
14.27
0.56
38.10
1.5
101.60
4
35.33
1.39
21.44
0.84
22
49.23
1.93
14.27
0.56
41.28
1.62
101.60
4
38.51
1.51
21.44
0.84
24
52.37
2.06
15.29
0.6
44.45
1.75
101.60
4
41.68
1.64
22.22
0.87
JANMS3181 PROTECTIVE CAPS
MIL-DTL-26482
JANMS3181
10
C
A
L
Designates Receptacle
Dust Cover
ACCESSORY SHELL SIZE
STYLE
FINISH
LENGTH
8
10
12
14
16
18
20
22
24
C: W/ Chain
N: W/ Chain & Ring
R: W/ SS Rope
A: Hard Anodize Black
K: Black Zinc Nickel
L: Electroless Nickel
W: Cadmium Olive Drab
L: 5 in. Chain /Rope in
lieu of standard length
(Omit for st. length “H”)
DUST CAPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com