Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUR51 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUR51
Description  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUR51 Datasheet(HTML) 2 Page - STMicroelectronics

  BUR51 Datasheet HTML 1Page - STMicroelectronics BUR51 Datasheet HTML 2Page - STMicroelectronics BUR51 Datasheet HTML 3Page - STMicroelectronics BUR51 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
0.5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = 300 V
VCB = 300 V
Tcase = 125
oC
0.2
2
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE =200 V
1
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 7 V
0.2
µA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 200 mA
200
V
VEBO
Emitter-base Voltage
(IC = 0)
IE = 10 mA
10
V
VCE(sat)
∗ Collector-emitter
Saturation Voltage
IC = 30 A
IB = 2 A
IC = 50 A
IB = 5 A
0.9
1
1.5
V
V
VBE(sat)
∗ Base-emitter
Saturation Voltage
IC = 30 A
IB = 2 A
IC = 50 A
IB = 5 A
1.55
1.8
2
V
V
hFE
DC Current Gain
IC = 5 A
VCE = 4 V
IC = 50 A
VCE = 4 V
20
15
100
Is/b
Second Breakdown
Collector Current
VCE = 20 V
t = 1 s
17.5
A
fT
Transition-Frequency
IC = 1 A
VCE = 5 V
f = 1 MHz
10
16
MHz
ton
Turn-on Time
IC = 50 A
IB1 = 5 A
VCC = 100 V
0.35
1
µs
ts
Storage Time
IC = 50 A
IB1 = 5 A
IB2 = -5 A
VCC = 100 V
0.9
2
µs
tf
Fall Time
0.24
0.6
µs
Clamped Es/b Collector
Current
Vclamp = 200 V
L = 500
µH
50
A
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUR51
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com