Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUR52 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUR52
Description  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUR52 Datasheet(HTML) 1 Page - STMicroelectronics

  BUR52 Datasheet HTML 1Page - STMicroelectronics BUR52 Datasheet HTML 2Page - STMicroelectronics BUR52 Datasheet HTML 3Page - STMicroelectronics BUR52 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUR52
HIGH CURRENT NPN SILICON TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
NPN TRANSISTOR
s
MAINTAINS GOOD SWITCHING
PERFORMANCE EVEN WITHOUT
NEGATIVE BASE DRIVE
APPLICATIONS
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The BUR52 is a silicon multiepitaxial planar NPN
transistors in modified Jedec TO-3 metal case,
intented
for
use
in
switching
and
linear
applications in military and industrial equipment.
INTERNAL SCHEMATIC DIAGRAM
June 1997
1
2
TO-3
(version " P ")
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
350
V
VCEO
Collector-Emitter Voltage (IB = 0)
250
V
VEBO
Emitter-Base Voltage (IC = 0)
10
V
IC
Collector Current
60
A
ICM
Collector Peak Current (tp = 10 ms)
80
A
IB
Base Current
16
A
Ptot
Total Dissipation at Tc
≤ 25 oC
350
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
1/4


Similar Part No. - BUR52

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTORS
logo
Seme LAB
BUR52 SEME-LAB-BUR52 Datasheet
27Kb / 2P
HIGH CURRENT NPN SILICON
logo
Comset Semiconductor
BUR52 COMSET-BUR52 Datasheet
77Kb / 3P
HIGH CURRENT NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUR52 NJSEMI-BUR52 Datasheet
68Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
logo
Inchange Semiconductor ...
BUR52 ISC-BUR52 Datasheet
186Kb / 2P
isc Silicon NPN Power Transistors
More results

Similar Description - BUR52

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDY90 STMICROELECTRONICS-BDY90 Datasheet
62Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BU407 STMICROELECTRONICS-BU407 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BUTW92 STMICROELECTRONICS-BUTW92 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jul-1997
BUV20 STMICROELECTRONICS-BUV20 Datasheet
41Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jan-2000
logo
Seme LAB
BDY26C SEME-LAB-BDY26C Datasheet
20Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY25A SEME-LAB-BDY25A Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY28A SEME-LAB-BDY28A Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY28B SEME-LAB-BDY28B_07 Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5038 NJSEMI-2N5038 Datasheet
75Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BUX41 NJSEMI-BUX41 Datasheet
119Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com