Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC2000 Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 85Page - Infineon Technologies AG XC2000 Datasheet HTML 86Page - Infineon Technologies AG XC2000 Datasheet HTML 87Page - Infineon Technologies AG XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG XC2000 Datasheet HTML 90Page - Infineon Technologies AG XC2000 Datasheet HTML 91Page - Infineon Technologies AG XC2000 Datasheet HTML 92Page - Infineon Technologies AG XC2000 Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
85
V1.3, 2015-02
The timing in the AC Characteristics refers to TCSs. Timing must be calculated using the
minimum TCS possible under the given circumstances.
The actual minimum value for TCS depends on the jitter of the PLL. Because the PLL is
constantly adjusting its output frequency to correspond to the input frequency (from
crystal or oscillator), the accumulated jitter is limited. This means that the relative
deviation for periods of more than one TCS is lower than for a single TCS (see formulas
and Figure 19).
This is especially important for bus cycles using waitstates and for the operation of
timers, serial interfaces, etc. For all slower operations and longer periods (e.g. pulse train
generation or measurement, lower baudrates, etc.) the deviation caused by the PLL jitter
is negligible.
The value of the accumulated PLL jitter depends on the number of consecutive VCO
output cycles within the respective timeframe. The VCO output clock is divided by the
output prescaler K2 to generate the system clock signal
f
SYS. The number of VCO cycles
is K2
× T, where T is the number of consecutive f
SYS cycles (TCS).
The maximum accumulated jitter (long-term jitter) D
Tmax is defined by:
D
Tmax [ns] = ±(220 / (K2 × f
SYS) + 4.3)
This maximum value is applicable, if either the number of clock cycles T > (
f
SYS / 1.2) or
the prescaler value K2 > 17.
In all other cases for a timeframe of T
× TCS the accumulated jitter D
T is determined by:
D
T [ns] = D
Tmax × [(1 - 0.058 × K2) × (T - 1) / (0.83 × fSYS - 1) + 0.058 × K2]
f
SYS in [MHz] in all formulas.
Example, for a period of 3 TCSs @ 33 MHz and K2 = 4:
D
max = ±(220 / (4 × 33) + 4.3) = 5.97 ns (Not applicable directly in this case!)
D
3 = 5.97 × [(1 - 0.058 × 4) × (3 - 1) / (0.83 × 33 - 1) + 0.058 × 4]
= 5.97
× [0.768 × 2 / 26.39 + 0.232]
= 1.7 ns
Example, for a period of 3 TCSs @ 33 MHz and K2 = 2:
D
max = ±(220 / (2 × 33) + 4.3) = 7.63 ns (Not applicable directly in this case!)
D
3 = 7.63 × [(1 - 0.058 × 2) × (3 - 1) / (0.83 × 33 - 1) + 0.058 × 2]
= 7.63
× [0.884 × 2 / 26.39 + 0.116]
= 1.4 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com