Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQX/NOPB.A Datasheet(PDF) 32 Page - Texas Instruments

Part # LM5035CSQX/NOPB.A
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB.A Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM5035CSQX/NOPB.A Datasheet HTML 28Page - Texas Instruments LM5035CSQX/NOPB.A Datasheet HTML 29Page - Texas Instruments LM5035CSQX/NOPB.A Datasheet HTML 30Page - Texas Instruments LM5035CSQX/NOPB.A Datasheet HTML 31Page - Texas Instruments LM5035CSQX/NOPB.A Datasheet HTML 32Page - Texas Instruments LM5035CSQX/NOPB.A Datasheet HTML 33Page - Texas Instruments LM5035CSQX/NOPB.A Datasheet HTML 34Page - Texas Instruments LM5035CSQX/NOPB.A Datasheet HTML 35Page - Texas Instruments LM5035CSQX/NOPB.A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
32
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Conditions: Input Voltage = 72 VDC
Output Current = 5 A
Trace 1: Q2 drain voltage Volts/div = 10 V
Horizontal Resolution = 1 µs/div
Figure 31. Drain Voltage of Q1 With a 5-A Load (Input
Voltage of 72 V)
Conditions: Input Voltage = 48 VDC
Output Current = 5 A
Upper Trace: SR1, Q4 gate Volts/div = 5 V
Middle Trace: HS, Q2 drain Volts/div = 20 V
Lower Trace: SR2, Q6 gate Volts/div = 5 V
Horizontal Resolution = 1 µs/div
Figure 32. Gate Voltages of the Synchronous Rectifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com