Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQX/NOPB.B Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5035CSQX/NOPB.B
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5035CSQX/NOPB.B Datasheet HTML 2Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN to GND
–0.3
105
V
HS to GND
–1
105
V
HB to GND
–0.3
118
V
HB to HS
–0.3
18
V
VCC to GND
–0.3
16
V
RT, DLY to GND
–0.3
5.5
V
COMP input current
10
mA
CS
1
V
All other inputs to GND
–0.3
7
V
Junction temperature
150
°C
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see Electrical Characteristics.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VIN voltage
13
105
V
External voltage applied to VCC
8
15
V
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
LM5035C
UNIT
PWP (HTSSOP)
NHZ (WQFN)
20 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
35.9
31.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
19.8
25
°C/W
RθJB
Junction-to-board thermal resistance
16.7
9.9
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.2
°C/W
ψJB
Junction-to-board characterization parameter
16.6
10.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.6
1.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com