Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBB Datasheet(PDF) 2 Page - Amphenol PCD, Inc

Part # USBB
Description  Amphenol Sealed USB-B
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USBB Datasheet(HTML) 2 Page - Amphenol PCD, Inc

  USBB Datasheet HTML 1Page - Amphenol PCD, Inc USBB Datasheet HTML 2Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Amphenol ®
Amphenol Socapex Promenade de l’Arve -B.P.29 - 74311 THYEZ – F
Tel. :+ 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
www.usbfield.com
Plug
Plug cordset
cordset –
– Male
Male sealed
sealed USB
USB--B / male USB
B / male USB--A (*)
A (*)
Receptacle
Receptacle –
– Female
Female USB
USB--B
B
Receptacle
Receptacle Cap
Cap
Part Numbers :
§ L = 1000±50mm [39.37±1.97] - P/N : USBBF6100
§ L = 2000±50mm [78.74±1.97] - P/N : USBBF6200
PIN assignments (Front view) :
§ 1 = RED (AWG 24)
§ 2 = WHITE (AWG 28)
§ 3 = GREEN (AWG 28)
§ 4 = BLACK (AWG 24)
Shield = Drain
Panel Drilling
Hexagonal Nut
Panel Gasket
JWT Connector – Pitch 2.5mm :
§ JWT 1 = USB1 = RED (AWG 24)
§ JWT 2 = USB2 = WHITE (AWG 28)
§ JWT 3 = USB3 = GREEN (AWG 28)
§ JWT 4 = USB4 = BLACK (AWG 24)
§ JWT 5 = USB Shield = YELLOW (AWG 24)
Part Number : USBBF7
Part Number : USBBFC7
USB 2.0 cable – PVC jacket
(*)
(*) To get a sealed USB-A plug, you can use our USB FTV series.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com