Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5109AMA/NOPB.A Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5109AMA/NOPB.A
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109AMA/NOPB.A Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5109AMA/NOPB.A Datasheet HTML 7Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 8Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 9Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 10Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 11Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 12Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 13Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 14Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Max
HB
To
SW
tal
G
S
W
B
S
H
D
I
0.95
0.2 mA
Q
Q
I
17 nC 10 A
17.5 nC
500 kHz
500 kH
¦
¦
z
u
P u
HB
DD
DH
HBL
V
V
V
V
10 V
1 V
6.7 V
2.3 V
'
LM5109
PWM
Controller
VIN
T1
RGATE
CBOOT
0.1 µF
1.0 µF
VDD
VCC
OUT1
OUT2
VDD
HI
LI
VSS
HS
LO
HO
HB
RBOOT
RGATE
DBOOT
Secondary
Side Circuit
Anti-parallel Diode
(Optional)
11
LM5109A
www.ti.com
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
8.2 Typical Application
Figure 14. LM5109A Driving MOSFETs in a Half-Bridge Converter
8.2.1 Design Requirements
Table 2 lists the design parameters of the LM5109A.
Table 2. Design Example
PARAMETER
VALUE
Gate Driver
LM5109A
MOSFET
CSD19534KCS
VDD
10 V
QG
17 nC
fSW
500 kHz
8.2.2 Detailed Design Procedure
8.2.2.1 Select Bootstrap and VDD Capacitor
The bootstrap capacitor must maintain the VHB-HS voltage above the UVLO threshold for normal operation.
Calculate the maximum allowable drop across the bootstrap capacitor with Equation 1.
where
•
VDD = Supply voltage of the gate drive IC
•
VDH = Bootstrap diode forward voltage drop
•
VHBL = VHBRmax – VHBH, HB falling threshold
(1)
Then, the total charge needed per switching cycle is estimated by Equation 2.
where
•
QG = Total MOSFET gate charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com