Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC567 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMC567
Description  LMC567 Low-Power Tone Decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC567 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMC567 Datasheet HTML 8Page - Texas Instruments LMC567 Datasheet HTML 9Page - Texas Instruments LMC567 Datasheet HTML 10Page - Texas Instruments LMC567 Datasheet HTML 11Page - Texas Instruments LMC567 Datasheet HTML 12Page - Texas Instruments LMC567 Datasheet HTML 13Page - Texas Instruments LMC567 Datasheet HTML 14Page - Texas Instruments LMC567 Datasheet HTML 15Page - Texas Instruments LMC567 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1
2
3
4
5
6
7
8
0.1µF
RT
Top Layer Ground Plane
Top Layer Traces
Pad to Top Layer Ground Plane
Connection to Power Supply
CT
RL
C1
C2
CIN
OUT
IN
Vcc
Vcc
Short traces to external
components
Decoupling capacitor
placed as close as possible
to the device
LMC567
Ground Plane that gives low
impedance return path
LMC567
SNOSBY1C – JUNE 1999 – REVISED DECEMBER 2015
www.ti.com
11 Power Supply Recommendations
The LMC567 is designed to operate with an input power supply range between 2 V and 9 V. Therefore, the
output voltage range of power supply must be within this range and well regulated. The current capability of
upper power must not exceed the maximum current limit of the power switch. Because the operating frequency
of the device could be very high for some applications, the decoupling of power supply becomes critical, so is
required to place a proper decoupling capacitor as close as possible to VCC pin. Low equivalent-series-
resistance (ESR) ceramic capacitor, typically 0.1 µF, is typically used. This capacitor must be placed within 2 mm
of the supply pin.
12 Layout
12.1 Layout Guidelines
The VCC pin of the LM567 must be decoupled to ground plane as the device can work with high switching
speeds. The decoupling capacitor must be placed as close as possible to the device. Traces length for the timing
and external filter components must be kept at minimum in order to avoid any possible interference from other
close traces.
12.2 Layout Example
Figure 10. LMC567 Board Layout
12
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMC567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com