Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7717MA/NOPB.A Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP7717MA/NOPB.A
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MA/NOPB.A Datasheet(HTML) 1 Page - Texas Instruments

  LMP7717MA/NOPB.A Datasheet HTML 1Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 2Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 3Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 4Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 5Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 6Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 7Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 8Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LMP7717, LMP7718
www.ti.com
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
Check for Samples: LMP7717, LMP7718
1
FEATURES
DESCRIPTION
The LMP7717 (single) and the LMP7718 (dual) low
23
•
(Typical 5V Supply, Unless Otherwise Noted)
noise, CMOS input operational amplifiers offer a low
•
Input Offset Voltage: ±150 µV (max)
input voltage noise density of 5.8 nV/
√Hz while
•
Input Referred Voltage Noise: 5.8 nV/
√Hz
consuming only 1.15 mA (LMP7717) of quiescent
current. The LMP7717/LMP7718 are stable at a gain
•
Input Bias Current: 100 fA
of 10 and have a gain bandwidth (GBW) product of
•
Gain Bandwidth Product: 88 MHz
88 MHz. The LMP7717/LMP7718 have a supply
•
Supply Voltage Range: 1.8V to 5.5V
voltage range of 1.8V to 5.5V and can operate from a
single supply. The LMP7717/LMP7718 each feature a
•
Supply Current Per Channel
rail-to-rail output stage. Both amplifiers are part of the
–
LMP7717: 1.15 mA
LMP™ precision amplifier family and are ideal for a
–
LMP7718: 1.30 mA
variety of instrumentation applications.
•
Rail-to-Rail Output Swing
The LMP7717 family provides optimal performance in
–
@ 10 k
Ω Load: 25 mV from Rail
low voltage and low noise systems. A CMOS input
stage, with typical input bias currents in the range of
–
@ 2 k
Ω Load: 45 mV from Rail
a few femto-Amperes, and an input common mode
•
Ensured 2.5V and 5.0V Performance
voltage range, which includes ground, make the
•
Total Harmonic Distortion: 0.04% @1 kHz,
LMP7717/LMP7718
ideal
for
low
power
sensor
600
Ω
applications where high speeds are needed.
•
Temperature Range:
−40°C to 125°C
The LMP7717/LMP7718 are manufactured using TI’s
advanced VIP50 process. The LMP7717 is offered in
APPLICATIONS
either a 5-Pin SOT-23 or an 8-Pin SOIC package.
The LMP7718 is offered in either the 8-Pin SOIC or
•
ADC Interface
the 8-Pin VSSOP.
•
Photodiode Amplifiers
•
Active Filters and Buffers
•
Low Noise Signal Processing
•
Medical Instrumentation
•
Sensor Interface Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP7717MA/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7717MA/NOPB TI1-LMP7717MA/NOPB Datasheet
1Mb / 37P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
More results

Similar Description - LMP7717MA/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7717 NSC-LMP7717 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
SM73302 TI1-SM73302 Datasheet
1Mb / 24P
SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
SM73302 TI-SM73302_15 Datasheet
1Mb / 31P
SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com