Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2022MA/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LMP2022MA/NOPB
Description  LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2022MA/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP2022MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
22
LMP2021, LMP2022
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Application Information (continued)
8.1.5 Transient Response to Fast Inputs
On chip continuous auto zero correction circuitry eliminates the 1/f noise and significantly reduces the offset
voltage and offset voltage drift; all of which are very low frequency events. For slow changing sensor signals this
correction is transparent. For excitations which may otherwise cause the output to swing faster than 40 mV/µs,
there are additional considerations which can be viewed two perspectives: for sine waves and for steps.
For sinusoidal inputs, when the output is swinging rail-to-rail on ±2.5-V supplies, the auto zero circuitry will
introduce distortions above 2.55 kHz. For smaller output swings, higher frequencies can be amplified without the
auto zero slew limitation as shown in table below. Signals above 20 kHz, are not affected, though normally,
closed loop bandwidth should be kept below 20 kHz so as to avoid aliasing from the auto zero circuit.
VOUT-PEAK (V)
fMAX-SINE WAVE (kHz)
0.32
20
1
6.3
2.5
2.5
(1)
No significant difference in Noise measurements at AV = 10V/V
For step-like inputs, such as those arising from disturbances to a sensing system, the auto zero slew rate
limitation manifests itself as an extended ramping and settling time, lasting ~100 µs.
8.1.6 Digital Acquisition Systems
High resolution ADC’s with 16-bits to 24-bits of resolution can be limited by the noise of the amplifier driving
them. The circuit configuration, the value of the resistors used and the source impedance seen by the amplifier
can affect the noise of the amplifier. The total noise at the output of the amplifier can be dominated by one of
several sources of noises such as: white noise or broad band noise, 1/f noise, thermal noise, and current noise.
In low frequency applications such as medical instrumentation, the source impedance is generally low enough
that the current noise coupled into it does not impact the total noise significantly. However, as the 1/f or flicker
noise is paramount to many application, the use of an auto correcting stabilized amplifier like the LMP202x
reduces the total noise.
Table 1 summarizes the input and output referred RMS noise values for the LMP202x compared to that of
Competitor A. As described in previous sections, the outstanding noise performance of the LMP202x can be
even further improved by adding a simple low pass filter following the amplification stage.
The use of an additional filter, as shown in Figure 38 benefits applications with higher gain. For this reason, at a
gain of 10, only the results of circuit in Figure 37 are shown. The RMS input noise of the LMP202x are compared
with Competitor A's input noise performance. Competitor A's RMS input noise behaves the same with or without
an additional filter.
Table 1. RMS Input Noise Performance
Amplifier
Gain
(V/V)
System Bandwidth Requirement
(Hz)
RMS Input Noise (nV)
LMP202x
Competitor A
Figure 37 Circuit
Figure 38 Circuit
Figure 37, Figure 38 Circuit
10
100
229
See(1)
300
1000
763
See(1)
1030
100
100
229
196
300
1000
763
621
1030
1000
10
71
46
95
100
158
146
300
1000
608
462
1030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com