Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2022MM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMP2022MM/NOPB
Description  LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2022MM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMP2022MM/NOPB Datasheet HTML 1Page - Texas Instruments LMP2022MM/NOPB Datasheet HTML 2Page - Texas Instruments LMP2022MM/NOPB Datasheet HTML 3Page - Texas Instruments LMP2022MM/NOPB Datasheet HTML 4Page - Texas Instruments LMP2022MM/NOPB Datasheet HTML 5Page - Texas Instruments LMP2022MM/NOPB Datasheet HTML 6Page - Texas Instruments LMP2022MM/NOPB Datasheet HTML 7Page - Texas Instruments LMP2022MM/NOPB Datasheet HTML 8Page - Texas Instruments LMP2022MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
OUT
V
-
+IN
V
+
-IN
1
2
3
5
4
-
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
N/C
OUT
N/C
-
+
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
A
B
3
LMP2021, LMP2022
www.ti.com
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DVB Package: LMP2021
5 Pin SOT-23
TOP VIEW
D Package: LMP2021
8 Pin SOIC
TOP VIEW
D and DGK Packages: LMP2022
8 Pin VSSOP or SOIC
TOP VIEW
Pin Functions: LMP2021
PIN
I/O
DESCRIPTION
NAME
LMP2021
DBV
D
OUT
1
6
I
Output
+IN
3
3
I
Non-Inverting Input
-IN
4
2
O
Inverting Input
V-
2
4
P
Negative Supply
V+
5
7
P
Positive Supply
N/C
-
1
-
No Internal Connection
N/C
-
5
-
No Internal Connection
N/C
-
8
-
No Internal Connection
Pin Functions: LMP2022
PIN
I/O
DESCRIPTION
NAME
LMP2022
D,
DGK
+IN A
3
I
Non-Inverting input, channel A
+IN B
5
I
Non-Inverting input, channel B
–IN A
2
I
Inverting input, channel A
–IN B
6
I
Inverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V+
8
P
Positive (highest) power supply
V–
4
P
Negative (lowest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com