Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUT100
Description  HIGH POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUT100 Datasheet(HTML) 2 Page - STMicroelectronics

  BUT100 Datasheet HTML 1Page - STMicroelectronics BUT100 Datasheet HTML 2Page - STMicroelectronics BUT100 Datasheet HTML 3Page - STMicroelectronics BUT100 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
0.58
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collector Cut-off
Current (RBE = 5
Ω)
VCE = VCEV
VCE = VCEV
TC= 100
o C
1
5
mA
mA
ICEV
Collector Cut-off
Current
VCE = VCEV VBE = -1.5V
VCE = VCEV VBE = -1.5V TC = 100
o C
1
4
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 0.2 A
L = 25mH
125
V
VEBO
Emitter-Base Voltage
(IC = 0)
IE = 50mA
7
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 50A
IB = 2.5A
IC = 100A
IB = 10A
IC = 50A
IB = 2.5A
Tj = 100
oC
IC = 100A
IB = 10A
Tj = 100
o C
0.9
0.9
1.2
1.5
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 50A
IB = 2.5A
IC = 100A
IB = 10A
IC = 50A
IB = 2.5A
Tj = 100
oC
IC = 100A
IB = 10A
Tj = 100
o C
1.4
2
1.4
2.1
V
V
V
V
dic/dt
Rate of Rise of
on-state Collector
Current
VCC = 100V RC = 0
IB1 = 5A
Tp = 3
µs
Tj = 100
oC
180
A/
µs
ts
tf
tc
INDUCTIVE LOAD
Storage time
Fall Time
Crossover Time
VCC = 90V
Vclamp = 125 V
IC = 50A
IB1 = 2.5A
VBB = - 5V
LC = 80
µH
RB2 = 1
Tj = 100
oC
2
0.2
0.35
µs
µs
µs
VCEW
Maximum Collector
Emitter Voltage
without Snubber
VCC = 90V
ICWoff = 150A
VBB = - 5V
IB1 = 10A
LC = 30
µH RB2 = 1Ω
Tj = 125
oC
125
V
∗ Pulsed: Pulse duration = 3µs, duty cycle = 2 %
BUT100
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com