Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6653 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6653
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6653 Datasheet HTML 9Page - Analog Devices AD6653 Datasheet HTML 10Page - Analog Devices AD6653 Datasheet HTML 11Page - Analog Devices AD6653 Datasheet HTML 12Page - Analog Devices AD6653 Datasheet HTML 13Page - Analog Devices AD6653 Datasheet HTML 14Page - Analog Devices AD6653 Datasheet HTML 15Page - Analog Devices AD6653 Datasheet HTML 16Page - Analog Devices AD6653 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
AD6653
Rev. 0 | Page 13 of 80
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
ELECTRICAL
AVDD, DVDD to AGND
−0.3 V to +2.0 V
DRVDD to DRGND
−0.3 V to +3.9 V
AGND to DRGND
−0.3 V to +0.3 V
VIN+A/VIN+B, VIN−A/VIN−B to AGND
−0.3 V to AVDD + 0.2 V
CLK+, CLK− to AGND
−0.3 V to +3.9 V
SYNC to AGND
−0.3 V to +3.9 V
VREF to AGND
−0.3 V to AVDD + 0.2 V
SENSE to AGND
−0.3 V to AVDD + 0.2 V
CML to AGND
−0.3 V to AVDD + 0.2 V
RBIAS to AGND
−0.3 V to AVDD + 0.2 V
CSB to AGND
−0.3 V to +3.9 V
SCLK/DFS to DRGND
−0.3 V to +3.9 V
SDIO/DCS to DRGND
−0.3 V to DRVDD + 0.3 V
SMI SDO/OEB to DRGND
−0.3 V to DRVDD + 0.3 V
SMI SCLK/PDWN to DRGND
−0.3 V to DRVDD + 0.3 V
SMI SDFS to DRGND
−0.3 V to DRVDD + 0.3 V
D0A/D0B through D11A/D11B
to DRGND
−0.3 V to DRVDD + 0.3 V
FD0A/FD0B through FD3A/FD3B
to DRGND
−0.3 V to DRVDD + 0.3 V
DCOA/DCOB to DRGND
−0.3 V to DRVDD + 0.3 V
ENVIRONMENTAL
Operating Temperature Range
(Ambient)
−40°C to +85°C
Maximum Junction Temperature
Under Bias
150°C
Storage Temperature Range
(Ambient)
−65°C to +125°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the customer
board increases the reliability of the solder joints and maximizes
the thermal capability of the package.
Table 7. Thermal Resistance
Package
Type
Airflow
Velocity
(m/s)
θJA1,2
θJC1,3
θJB1,4
Unit
0
18.8
0.6
6.0
°C/W
1.0
16.5
°C/W
64-Lead LFCSP
9 mm × 9 mm
(CP-64-3)
2.0
15.8
°C/W
1 Per JEDEC 51-7, plus JEDEC 25-5 2S2P test board.
2 Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3 Per MIL-Std 883, Method 1012.1.
4 Per JEDEC JESD51-8 (still air).
Typical θJA is specified for a 4-layer PCB with a solid ground
plane. As shown, airflow increases heat dissipation, which
reduces θJA. In addition, metal in direct contact with the
package leads from metal traces, through holes, ground, and
power planes, reduces the θJA.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com