Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT232V Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUT232V
Description  NPN TRANSISTOR POWER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUT232V Datasheet(HTML) 2 Page - STMicroelectronics

  BUT232V Datasheet HTML 1Page - STMicroelectronics BUT232V Datasheet HTML 2Page - STMicroelectronics BUT232V Datasheet HTML 3Page - STMicroelectronics BUT232V Datasheet HTML 4Page - STMicroelectronics BUT232V Datasheet HTML 5Page - STMicroelectronics BUT232V Datasheet HTML 6Page - STMicroelectronics BUT232V Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-ca se
Rthc-h
Thermal Resistance Ju nction- case
Max
Thermal Resistance Case-heatsin k With Conductive
Grease Applied
Max
0.41
0.05
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collecto r Cu t-of f
Current (RBE =5
Ω)
VCE =VCEV
VCE =VCEV
Tj = 100
oC
1
5
mA
mA
ICEV
Collecto r Cu t-of f
Current (VBE = -1.5)
VCE =VCEV
VCE =VCEV
Tj = 100
oC
1
4
mA
mA
IEBO
Emitter Cut-off Current
(IC =0)
VEB =5 V
1
mA
VCEO(SUS) * Collecto r-Emitter
Sustaining Voltage
IC =0.2 A
L = 25 mH
Vclamp = 300 V
300
V
hFE
∗
DC Current Gain
IC =70 A
VCE =5 V
17
VCE(sat)
∗ Collector-Emitter
Satu ration Vo ltage
IC =35 A
IB =1 .7 5 A
IC =35 A
IB = 1 .7 5 A
Tj = 100
oC
IC =70 A
IB =7 A
IC =70 A
IB =7 A
Tj = 100
oC
0.5
0.7
0.5
0.9
1. 9
1. 9
V
V
V
V
VBE(sat)
∗ Base-Emitter
Satu ration Vo ltage
IC =70 A
IB =7 A
IC =70 A
IB =7 A
Tj = 100
oC
1.1
11. 3
V
V
diC/dt
Rateof Riseof
On-state Collector
VCC =3 00 V
RC =0
tp =3
µs
IB1 =10 A
Tj =1 00
oC
120
190
A/
µs
VCE (3
µs) Collector-Emitter
Dynamic Voltage
VCC = 200 V
RC = 3 .2 5
Ω
IB1 =6.4 A
Tj = 100
oC
2.5
4
V
VCE(5
µs) Collector-Emitter
Dynamic Voltage
VCC = 200 V
RC = 3 .2 5
Ω
IB1 =6.4 A
Tj = 100
oC
1.4
2. 5
V
ts
tf
tc
Storage Time
Fall Time
Cross-over Time
IC =70 A
VCC = 250 V
VBB =-5 V
RBB =0.6
Ω
Vclamp = 300 V
IB1 =7 A
L= 0. 3 mH
Tj = 100
oC
3
0.25
0.6
5
0. 4
0. 9
µs
µs
µs
VCEW
Maximu m Collector
Emitter Voltage
With ou t Snubber
ICWoff = 105 A
IB1 =7 A
VBB =-5 V
VCC =50 V
L= 42
µHRBB =0.6 Ω
Tj =1 25
oC
300
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUT232V
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com