Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT30V Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUT30V
Description  NPN TRANSISTOR POWER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUT30V Datasheet(HTML) 2 Page - STMicroelectronics

  BUT30V Datasheet HTML 1Page - STMicroelectronics BUT30V Datasheet HTML 2Page - STMicroelectronics BUT30V Datasheet HTML 3Page - STMicroelectronics BUT30V Datasheet HTML 4Page - STMicroelectronics BUT30V Datasheet HTML 5Page - STMicroelectronics BUT30V Datasheet HTML 6Page - STMicroelectronics BUT30V Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-ca se
Rthc -h
Thermal Resistance Junction-case
Max
Thermal Resistance Case-heats ink With Conductive
Grease Applied
Max
0.5
0.05
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICER
Collect or Cut-off
Current (RBE =5
Ω)
VCE =VCEV
VCE =VCEV
Tj =100
oC
1
5
mA
mA
ICEV
Collect or Cut-off
Current (VBE =-5V)
VCE =VCEV
VCE =VCEV
Tj =100
oC
1
4
mA
mA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =5 V
1
mA
VCEO(SUS) * Collector-Emitter
Sustaining Voltage
IC =0.2 A
L =25 mH
Vcla mp = 125 V
125
V
hFE
∗
DC Current G ain
IC =100 A
VCE =5 V
27
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =50 A
IB =2.5 A
IC =50 A
IB =2.5 A
Tj =100
oC
IC =100 A
IB =10 A
IC =100 A
IB =10 A
Tj =100
oC
0. 45
0. 55
0.7
0.9
0.9
1.2
0.9
1.5
V
V
V
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =50 A
IB =2.5 A
IC =50 A
IB =2.5 A
Tj =100
oC
IC =100 A
IB =10 A
IC =100 A
IB =10 A
Tj =100
oC
1. 15
1.1
1. 45
1. 55
1.4
1.4
1.8
1.9
V
V
V
V
diC/dt
Rate of Rise of
On-stat e Collector
VCC =300 V
RC =0
tp =3
µs
IB1 =15 A
Tj =100
o C
270
350
A/
µs
VCE(3
µs)•• Collector-Emitter
Dynamic Voltage
VCC =300 V
RC =1
Ω
IB1 =15 A
Tj =100
oC
2.7
3.5
V
VCE(5
µs)•• Collector-Emitter
Dynamic Voltage
VCC =300 V
RC =1
Ω
IB1 =15 A
Tj =100
oC
22.5
V
ts
tf
tc
St orage Time
Fall T ime
Cross-over T ime
IC =100 A
VCC =90 V
VBB =-5 V
RBB =0.47
Ω
Vcla mp = 125 V IB1 =10 A
L= 45
µHTj =100 oC
1
0.1
0.2
2
0.2
0.35
µs
µs
µs
VCEW
Maximum Collect or
Emitt er Volt age
Without Snubber
ICWoff =150 A
IB1 =10 A
VBB =-5 V
VCC =90 V
L= 30
µHRBB =0.5 Ω
Tj = 125
oC
125
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUT30V
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com