Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03021 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03021
Description  RJ45 Modular Crimp Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03021 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03021 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
27/08/14
RJ45 Modular Crimp Tool
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
RJ45 Crimp Tool (Modular)
D03021
Description:
A high quality ratchet crimp tool designed to crimp Molex RJ45 crimps. The tool has an all steel, ratchet design which generates
the correct pressure needed to create a perfect crimp. The tool measures 220mm in length and is manufactured from high
tensile, hardened mid-carbon steel with soft grips.
• For use with RJ45 connectors without boot and strain relief buit-in


Similar Part No. - D03021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D03021940G-00 ETC2-D03021940G-00 Datasheet
241Kb / 14P
SPECIFICATION FOR APPROVAL
More results

Similar Description - D03021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382-2094C ETC2-382-2094C Datasheet
18Kb / 2P
Modular Crimping Tool
D00125 ETC2-D00125 Datasheet
31Kb / 1P
Modular Ratchet Crimp Tool
logo
Molex Electronics Ltd.
63823-2870 MOLEX11-63823-2870 Datasheet
45Kb / 1P
Modular Crimp Head For Hand Crimp Tool
63823-3170 MOLEX11-63823-3170 Datasheet
45Kb / 1P
Modular Crimp Head For Hand Crimp Tool for Sabre Male Flat Blade Crimp Terminals
0638238270 MOLEX11-0638238270 Datasheet
37Kb / 1P
Modular Crimp Head for Hand Crimp Tool for Slip-on Female Crimp Terminals
0638238370 MOLEX11-0638238370 Datasheet
37Kb / 1P
Modular Crimp Head for Hand Crimp Tool for 6.35mm Tab Slip-on Male Crimp
0622020235 MOLEX11-0622020235 Datasheet
27Kb / 1P
Modular Press In Tool
0622021801 MOLEX11-0622021801 Datasheet
56Kb / 1P
Modular Press-In Tool
0622021802 MOLEX11-0622021802 Datasheet
56Kb / 1P
Modular Press-In Tool
0622020238 MOLEX-0622020238 Datasheet
27Kb / 1P
Modular Press-In Tool
02/26/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com