Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5-R43-NP Datasheet(PDF) 1 Page - Sumida Corporation

Part # S5-R43-NP
Description  RF COILS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

S5-R43-NP Datasheet(HTML) 1 Page - Sumida Corporation

  S5-R43-NP Datasheet HTML 1Page - Sumida Corporation S5-R43-NP Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: S-5LB, S-5LBN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
RF COILS < Pin Type: S-5 Series>
◆
Product Description
・
6.0×6.0mm Max.(L×W), 6.0mm Max. Height. (S-5LB)
・
5.5×5.5mm Max.(L×W), 6.0mm Max. Height. (S-5LBN)
・
Inductance: 1.0µH Max.
・
Operating frequency: 300MHz Max.
・
In addition to the reference versions of parameters shown here, custom designs are available to meet
your exact requirements.
◆
Feature
・
Variable type.
・
Both shielded(S-5LB) and unshielded(S-5LBN) types are available.
・
RoHS Compliance
◆
Dimensions (mm)
S-5LB
S-5LBN
*
Dimension does not include solder used on coil.
*
Pin pitch should be measured at the root of terminal.
2.2±0.3
6.0 MAX.
3.5±0.15
+1.0
6.0 MAX.
3.0-0.5
6.0MAX.
+1.0
-0.5
3.0
φ
3.5±0.15
5.2
0.3


Similar Part No. - S5-R43-NP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
S5-0R1B BOURNS-S5-0R1B Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
S5-0R1B1 BOURNS-S5-0R1B1 Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
S5-0R1C BOURNS-S5-0R1C Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
S5-0R1C1 BOURNS-S5-0R1C1 Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
S5-0R1D BOURNS-S5-0R1D Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
More results

Similar Description - S5-R43-NP

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
RF Coils
SM76 SUMIDA-SM76 Datasheet
35Kb / 1P
RF Coils
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
RF COILS
S-7LFN SUMIDA-S-7LFN Datasheet
159Kb / 1P
RF COILS
S-7LBFN SUMIDA-S-7LBFN Datasheet
156Kb / 1P
RF COILS
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
RF COILS
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
RF COILS
S-7GC SUMIDA-S-7GC Datasheet
30Kb / 1P
RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
RF COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com