Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5-R62-NP Datasheet(PDF) 2 Page - Sumida Corporation

Part # S5-R62-NP
Description  RF COILS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

S5-R62-NP Datasheet(HTML) 2 Page - Sumida Corporation

  S5-R62-NP Datasheet HTML 1Page - Sumida Corporation S5-R62-NP Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: S-5LB, S-5LBN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
RF COILS < Pin Type: S-5 Series>
◆
Connection (Bottom View)
◆
Specification (S-5LBN) (Part No. S0995464)
“
S”is winding start.
◆
Specification (S-5LB)
Item
(1-3)
Measuring
Condition
Tuning Capacity
28.7pF ± 5% Variable
100MHz
Unloaded Qu
60 Min.
100MHz
NO.
Pare No.
Stamp
Turn(T)
Tuning Capacity or
Tuning Inductance
<Variable>
Unloaded
Qu<Min>
Measuring
Frequency[MHz]
01
S5-R1Ø-NP
R10
3½
25.3pF±3%
30
100
02
S5-R11-NP
R11
4½
23.0pF±3%
30
100
03
S5-R12-NP
R12
4½
21.1pF±3%
30
100
04
S5-R13-NP
R13
4½
19.5pF±3%
30
100
05
S5-R15-NP
R15
5½
16.9pF±3%
30
100
06
S5-R16-NP
R16
5½
15.8pF±3%
30
100
07
S5-R18-NP
R18
5½
14.1pF±3%
30
100
08
S5-R2Ø-NP
R20
6½
12.7pF±3%
30
100
09
S5-R22-NP
R22
6½
18.0pF±3%
30
80
10
S5-R24-NP
R24
7½
16.5pF±3%
30
80
11
S5-R27-NP
R27
7½
14.7pF±3%
30
80
12
S5-R3Ø-NP
R30
7½
0.30μH±3%
20
25.2
13
S5-R33-NP
R33
8½
0.33μH±3%
20
25.2
14
S5-R36-NP
R36
9½
0.36μH±3%
20
25.2
15
S5-R39-NP
R39
9½
0.39μH±3%
20
25.2
16
S5-R43-NP
R43
10½
0.43μH±3%
20
25.2
17
S5-R47-NP
R47
10½
0.47μH±3%
20
25.2
18
S5-R51-NP
R51
11½
0.51μH±3%
20
25.2
19
S5-R56-NP
R56
11½
0.56μH±3%
20
25.2
20
S5-R62-NP
R62
12½
0.62μH±3%
20
25.2
21
S5-R68-NP
R68
13½
0.68μH±3%
20
25.2
22
S5-R75-NP
R75
14½
0.75μH±3%
20
25.2
23
S5-R82-NP
R82
15½
0.82μH±3%
20
25.2
24
S5-R91-NP
R91
16½
0.91μH±3%
20
25.2
25
S5-1RØ-NP
1R0
17½
1.0μH ± 3%
15
7.96
①
②
③④
⑥
S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com