Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV641MA/NOPB
Description  LMV641 10-MHz, 12-V, Low-Power Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV641MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMV641MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
LMV641
www.ti.com
SNOSAW3D – SEPTEMBER 2007 – REVISED AUGUST 2016
Product Folder Links: LMV641
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(3)
Positive current corresponds to current flowing into the device.
(4)
The part is not short-circuit protected and is not recommended for operation with low resistive loads. Typical sourcing and sinking output
current curves are provided in Typical Characteristics and should be consulted before designing for heavy loads.
6.5 DC Electrical Characteristics: 2.7 V
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 2.7 V, V− = 0 V, V
O = VCM = V
+/2, and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN
(1)
TYP
(2)
MAX
(1)
UNIT
VOS
Input offset voltage
TA = 25°C
30
500
µV
Temperature extremes
750
TC VOS
Input offset average drift
0.1
µV/°C
IB
Input bias current
TA = 25°C
(3)
75
95
nA
Temperature extremes
110
IOS
Input offset current
0.9
5
nA
CMRR
Common-mode rejection
ratio
0 V
≤ VCM ≤ 1.7 V
TA = 25°C
(3)
89
114
dB
Temperature extremes
84
PSRR
Power supply rejection ratio
2.7 V
≤ V+ ≤ 10 V, VCM =
0.5
TA = 25°C
(3)
94.5
105
dB
Temperature extremes
92.5
2.7 V
≤ V+ ≤ 12 V, VCM =
0.5
TA = 25°C
(3)
94
100
Temperature extremes
92
CMVR
Input common-mode
voltage range
CMRR
≥ 80 dB
TA = 25°C
(3)
0
1.8
V
CMRR
≥ 68 dB
Temperature extremes
0
1.8
AVOL
Large signal voltage gain
0.3 V
≤ VO ≤ 2.4 V, RL = 2 kΩ to V
+/2
82
88
dB
0.4 V
≤ VO ≤ 2.3 V, RL = 2 kΩ to V
+/2
78
0.3 V
≤ VO ≤ 2.4 V, RL =
10 kΩ to V+/2
TA = 25°C
(3)
86
98
0.4 V
≤ VO ≤ 2.3 V, RL =
10 kΩ to V+/2
Temperature extremes
82
VO
Output swing high
RL = 2 kΩ to V
+/2, V
IN =
100 mV
TA = 25°C
(3)
42
58
mV from
rail
Temperature extremes
68
RL = 10 kΩ to V
+/2, V
IN =
100 mV
TA = 25°C
(3)
22
35
Temperature extremes
40
Output swing low
RL = 2 kΩ to V
+/2, V
IN =
100 mV
TA = 25°C
(3)
38
48
Temperature extremes
58
RL = 10 kΩ to V
+/2, V
IN =
100 mV
18
30
35
IOUT
Sourcing and sinking output
current
VIN_DIFF = 100 mV to VO
= V+/2 (4)
Sourcing
22
mA
Sinking
25
IS
Supply current
TA = 25°C
(3)
138
170
µA
Temperature extremes
220
SR
Slew rate
AV = 1, VO = 1 VPP
Rising (10% to 90%)
2.3
V/µs
Falling (90% to 10%)
1.6
GBW
Gain bandwidth product
10
MHz
en
Input-referred voltage noise
f = 1 kHz
14
nV/
√Hz
in
Input-referred current noise
f = 1 kHz
0.15
pA/
√Hz
THD
Total harmonic distortion
f = 1 kHz, AV = 2, RL = 2 kΩ
0.014%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com